Electronic Components Datasheet Search
  English  ▼

X  

MMM6025 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMM6025
Description  Quad-Band GSM/GPRS Power Amplifier Front-End Module with PA and Antenna Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM6025 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMM6025 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MMM6025 Advance Information, Rev. 5.1
6
Freescale Semiconductor
RF Specifications
8 Output VSWR = 10:1 all phase angles, Vdd = 2.8V to 4.5V, Pin = 5dBm to 11dBm, Temperature = -20 to +70°C, Power less
than or equal to 33dBm.
9 Vdiff_var = 20*LOG(Delta(T)/Delta(25°C)), where T is -20 to 65°C, Delta(T)= [Vdiff(T) with RF] - [Vdiff(T) without RF], and
Delta(25°C)= [Vdiff(25°C) with RF] - [Vdiff(25°C) without RF]
Table 6. DCS Band Specifications
Characteristic
Symbol
Min
Typ
Max
Unit
DCS BAND (Pin = 5.0 to 11 dBm, Vdd = 3.2 Vdc, VAPC = 0.1 to 2.2 V pulsed, 25% duty cycle,
LOWB_HIGH = High, EUB_US = Low, TC = 25°C ±5°C, unless otherwise noted.)
Operating Frequency
Transmit
Receive
f
1710
1805
-
-
1785
1880
MHz
Power Out
Po(max)
30
-
-
dBm
Power Out Low Voltage (Vdd = 2.8 V)
Po(min)
29
-
-
dBm
Power Added Efficiency (Saturated Pout)
PAE
28
33
-
%
Power Control Range1
Po(range)
35
-
-
dB
Power Control Slope2
∆V
det/∆VAPC
-
-
3.5
V/V
Power Control Frequency 3.0 dB BW
PC3dB
1.0
-
-
MHz
Power Control Response Time3
tPC
-
-
1.5
µs
Forward Isolation4
ISO1
ISO2
-
-
-
-
-53
-25
dBm
Power Detector Voltage1
Low Power
High Power
VDET(low)
VDET(high)
40
1.0
-
-
150
2.05
mV
V
Harmonics6
(Pout Max = 30 dBm)
2f0 – 15f0
-
-
-33
dBm
RX Band Noise5,6
(Pout = 30 dBm)
nRX
-
-
-77
dBm/
100 kHz
Pout over Temp (Vdd = 2.8 V, TA = –20 to 70°C)
Po_ot(min)
28.5
-
-
dBm
Insertion Loss from Antenna to RX_DCS6
IL_RX
-
-
1.7
dB
Tx - Rx Isolation6
ANTENNA to RX_CEL
ANTENNA to RX_GSM
ANTENNA to RX_DCS
ANTENNA to RX_PCS
ISO_ANT_RX_CEL
ISO_ANT_RX_GSM
ISO_ANT_RX_DCS
ISO_ANT_RX_PCS
27
27
27
27
-
-
-
-
-
-
-
-
dB
Input VSWR
VSWR
-
-
2:1
Power Out Change due to Coupling Variations
(VSWR = 3:1 @ ANT Port)7
CPLV
-1.5
-
1.5
dB
Load Mismatch Stress (Ruggedness)8
Rugg
No performance degradation and no
module damage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com