Electronic Components Datasheet Search
  English  ▼

X  

MMM6025 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMM6025
Description  Quad-Band GSM/GPRS Power Amplifier Front-End Module with PA and Antenna Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM6025 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMM6025 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
RF Specifications
MMM6025 Advance Information, Rev. 5.1
Freescale Semiconductor
7
Stability - Spurious Output9
Stab
-
-
-36
dBm
Closed Loop Power Variation over Temperature10
Pout_Temp Ambient 1
(Pout = 3 dBm)
Pout_Temp Ambient 2
(Pout = 15 dBm)
Pout_Temp Ambient 3
(Pout = 30 dBm)
-1.5
1.0
-0.5
-
-
-
1.5
1.0
0.5
dB
dB
dB
1 Power output must be monotonic with power detector voltage. (Vdd = 2.8V to 4.5V and Temperature = -20 to +70°C)
2 Vdd = 2.8V to 4.5V and Temperature = -20 to +70°C
3 Measurement made from 50% of V
APC to 10%/90% of VDET_OUT final value, with pulsed VAPC with a peak voltage in the range
of 0.1 to 2.2 V and both rise and fall edges.
4 Measured at antenna port: ISO1: P
in = -10 dBm, EN_ANT_TX = 0 V, VAPC = 0.1 V;
ISO2: Pin = 11 dBm, EN_ANT_TX = 2.723 V, VAPC = 0.1 V. (Vdd = 2.8V to 4.5V and Temperature = -20 to +70°C)
5 DCS RX band = 1805 to 1880 MHz. Vdd = 4.2V, Saturated P
out.
6 Vdd = 2.8V to 4.5V and Temperature = -20 to +70°C
7 Maintaining constant Vdet-Vref at all mismatch phase angles. Measured at antenna port: P
out = 30 dBm
8 VSWR = 20:1 all phase angles, Vdd = 2.8V to 4.5V, Pin = 5dBm to 11dBm, Temperature = -20 to +70°C, Power less than or
equal to 30 dBm
9 Output VSWR = 10:1 all phase angles, Vdd = 2.8V to 4.5V, Pin = 5dBm to 11dBm, Temperature = -20 to +70°C, Power less
than or equal to 30dBm.
10 Vdiff_var = 20*LOG(Delta(T)/Delta(25°C)), where T is -20 to 65°C, Delta(T)= [Vdiff(T) with RF] - [Vdiff(T) without RF], and
Delta(25°C)= [Vdiff(25°C) with RF] - [Vdiff(25°C) without RF]
Table 7. GSM850 Band Specifications
Characteristic
Symbol
Min
Typ
Max
Unit
GSM850 BAND (Pin = 5.0 to 11 dBm, Vdd = 3.2 Vdc, VAPC = 0.1 to 2.2 V pulsed, 25% duty cycle, LOWB_HIGH = Low, EUB_US
= High, TC = 25°C ±5°C, unless otherwise noted.)
Operating Frequency
Transmit
Receive
f
824
869
-
-
849
894
MHz
Power Out
Po(max)
33
-
-
dBm
Power Out Low Voltage (VCC_PA = 2.8 V)
Po(min)
32
-
-
dBm
Power Added Efficiency (Saturated Pout)
PAE
38
43
-
%
Power Control Range1
Po(range)
35
-
-
dB
Power Control Slope2
∆V
det/∆VAPC
-
-
3.0
V/V
Power Control Frequency 3.0 dB BW
PC3dB
1.0
-
-
MHz
Power Control Response Time3
tPC
-
-
1.5
µs
Forward Isolation4
ISO1
ISO2
-
-
-
-
-41
-22
dBm
Table 6. DCS Band Specifications (continued)
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com