Electronic Components Datasheet Search
  English  ▼

X  

MMM6025 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MMM6025
Description  Quad-Band GSM/GPRS Power Amplifier Front-End Module with PA and Antenna Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM6025 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MMM6025 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MMM6025 Advance Information, Rev. 5.1
4
Freescale Semiconductor
RF Specifications
The following table provides additional details on MMM6025 orderable parts.
4
RF Specifications
This section details specifications for the EGSM, DCS, GSM850, and PCS bands.
BAND SELECT Current Level
High
Low
ILOWB_HIGH(H)
ILOWB_HIGH(L)
-
-
-
-
10
10
µA
Total module leakage current (Standby condition)
EN_DET_PA = 0.3 V
EUB_US = EN_ANT_TX = +0.3 V
LOWB_HIGH = 0.3 V
VAPC = 0.1 V
VREG_IN = 0 V or 2.775 V
Temp = 23 to 27
°C
Vdd = 3.8 V
IVdd(off)
-
5.0
7.0
µA
1 The MMM6025 pinout is compatible with that of MMM6022, except pin 8.
MMM6025 signal EN_DET_PA (pin 16) is equivalent to a combination of both MMM6022 signals EN_TX and EN_DET.
Table 4. Orderable Parts Details
Device
Operating
Temp. Range
(TA)
Package
RoHS
Compliant
Pb-Free
MSLLevel
SolderTemp.
MMM6025
–20
° to 70°C
HDI Module
Yes
Yes
3
250 °C
MMM6025R2
–20
° to 70°C
HDI Module
Tape and Reel
Yes
Yes
3
250 °C
Table 5. EGSM Band Specifications
Characteristic
Symbol
Min
Typ
Max
Unit
EGSM BAND (Pin = 5.0 to 11 dBm, Vdd = 3.2 Vdc, VAPC = 0.1 to 2.2 V pulsed, 25% duty cycle,
LOWB_HIGH = Low, EUB_US = Low, TC = 25°C ±5°C, unless otherwise noted.)
Operating Frequency
Transmit
Receive
f
880
925
-
-
915
960
MHz
Power Out
Po(max)
33
-
-
dBm
Power Out Low Voltage (Vdd = 2.8 V)
Po(min)
32
-
-
dBm
Power Added Efficiency (Saturated Pout)
PAE
40
44
-
%
Power Control Range1
Po(range)
35
-
-
dB
Power Control Slope2
∆V
det/∆VAPC
-
-
3.0
V/V
Table 3. DC Specifications (continued)
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com