Electronic Components Datasheet Search
  English  ▼

X  

TLP716 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP716
Description  TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP716 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP716 Datasheet HTML 1Page - Toshiba Semiconductor TLP716 Datasheet HTML 2Page - Toshiba Semiconductor TLP716 Datasheet HTML 3Page - Toshiba Semiconductor TLP716 Datasheet HTML 4Page - Toshiba Semiconductor TLP716 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TLP716
2003-10-21
4
Switching Characteristics
(Unless otherwise specified, Ta= Ta=-40 to 100
°C,VCC=4.5~5.5V)
CHARACTERISTIC
SYMB
OL
TEST
-CIRCUI
T
CONDITION
MIN.
TYP.
MAX.
UNIT
propagation Delay Time
to Logic High output
tpLH
IF=0? 12m
A
—
—
75
ns
propagation Delay Time
to Logic Low output
tpHL
1
IF=12→0mA
RIN=100O
CL=15pF
(Note 4)
—
—
75
ns
propagation Delay Time
to Logic High output
tpLH
VIN=5→0V
(IF=8→0mA)
—
—
65
ns
propagation Delay Time
to Logic Low output
tpHL
2
VIN=0→5V
(IF=0→8mA)
RIN=430Ω
CIN=33pF
CL=15pF
(Note 4)
—
—
65
ns
Switching Time Dispersion
between ON and OFF
|tpHL-
tpLH|
RIN=100Ω, CL=15pF (Note 4)
—
—
45
ns
Output Rise Time
tr
IF=0→12mA
—
—
ns
Output Fall Time
tf
1
IF=12→0mA
RIN=100Ω
CL=15pF
(Note 4)
—
—
ns
Common Mode transient
Immunity at High Level
Output
CMH
VCM=1000Vp-p,IF=0mA,
Vo(Min)=4V,Ta=25
°C
-10000
—
—
V/us
Common Mode transient
Immunity at Low Level
Output
CML
3
VCM=1000Vp-p,IF=12mA,
Vo(Max)=0.4V,Ta=25
°C
10000
—
—
V/us
*All typical values are at Ta=25
°C
Note 4 : Capacity of a probe and a wire.
TEST CIRCUIT 1 : tpLH , tpHL
TEST CIRCUIT 2 : tpLH , tpHL
IF=12mA(P.G)
(f=5MHz , duty=50%)
0.1uF
VCC
RIN=100Ω
INPUT
MONITORING NODE
CL=15pF
CL=15pF
VO
MONITORING NODE
VCC
GND
SHIELD
tpHL
tpLH
IF
1.5V
V
O
50%
VOL
VOH
VIN=5V(P.G)
(f=5MHz , duty=50%)
0.1uF
VCC
RIN=470Ω
CIN=33pF
CL=15pF
The PROBE and JIG capacitances are included in CL.
Vo
MONITORING
NODE
CL=15pF
INPUT MONITORING NODE
(P.G) : Pulse Generatior
VCC
GND
SHIELD
tpHL
tpLH
V
IN
1.5V
V
O
50%
VOL
VOH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com