Electronic Components Datasheet Search
  English  ▼

X  

TLP716 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP716
Description  TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP716 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP716 Datasheet HTML 1Page - Toshiba Semiconductor TLP716 Datasheet HTML 2Page - Toshiba Semiconductor TLP716 Datasheet HTML 3Page - Toshiba Semiconductor TLP716 Datasheet HTML 4Page - Toshiba Semiconductor TLP716 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TLP716
2003-10-21
3
Electrical Characteristics
(Unless otherwise specified, Ta=-40 to 100
°C,VCC=4.5~5.5V)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Input Forward Voltage
VF
IF=10mA ,Ta=25
°C
—
1.65
1.8
V
Temperature Coefficient
of Forward Voltage
?VF/?Ta
IF=10mA
—
-2.0
—
mV/
°C
Input Reverse Current
IR
VR=5V,Ta=25
°C
—
—
10
µA
Input Capacitance
CT
V=0,f=1MHz,Ta=25
°C
—
—
pF
Logic Low Output Voltage
VOL
IOL=1.6mA, IF=12mA,VCC=5V
—
—
0.4
V
Logic High Output Voltage
VOH
IOH=-0.02mA , VF=1.05V,VCC=5V
4.0
—
—
V
Logic Low Supply Current
ICCL
IF=12mA
—
—
5.0
mA
Logic High Supply Current
ICCH
VF=0V
(Note4)
—
—
5.0
mA
Input Current Logic Low
Output
IFHL
IO=1.6mA,VO<0.4V
—
—
6.5
mA
Input Voltage Logic High
Output
VFLH
IO=-0.02mA,VO>4.0V
0.8
—
—
V
*All typical values are at Ta=25
°C,VCC=5V,IF=(ON)=5mA unless otherwise specified
Note4 : The Photodetector needs VCC of 4.5V or more for the stability operation.
In the VCC domain not more than this, since ICCH may increase in part, please use it after checking operation at the
time of power supply current, power supply ON, and OFF.
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
V = 0,f = 1MHz
(Note 2)
?
0.8
?
pF
Isolation resistance
RS
R.H. = 60%,VS = 500V
(Note 2)
1×10
12
10
14
?
O
AC,1 minute
5000
?
?
Vrms
AC,1 second,in oil
?
10000
?
Isolation voltage
BVS
DC,1 minute,in oil
?
10000
?
Vdc



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com