Electronic Components Datasheet Search
  English  ▼

X  

TLP716 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP716
Description  TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP716 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP716 Datasheet HTML 1Page - Toshiba Semiconductor TLP716 Datasheet HTML 2Page - Toshiba Semiconductor TLP716 Datasheet HTML 3Page - Toshiba Semiconductor TLP716 Datasheet HTML 4Page - Toshiba Semiconductor TLP716 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLP716
2003-10-21
1
TOSHIBA Photocoupler
GaAl As IRED & Photo- IC
TLP716
Digital Isolation for A/D,D/A Conversion.
High Speed Line Receiver.
Microprocessor System Interfaces.
Plasma display panel.
The TOSHIBA TLP716 consists of a GaAlAs light emitting diode
and a high speed photodetector.This unit is 6-lead SDIP. TLP716 is 50%
smaller than 8PIN DIP and has suited the safety standard reinforced
insulation class. So mounting area in safety standard required equipment
can be reduced.
l
Inverter Logic (totempole output)
l
Package Type : SDIP6
l
Guaranteed Performance Over Temperature : -40~100°C
l
Power Supply Voltage : 4.5~5.5V
l
Input Thresholds Current : IFHL=6.5mA(max.)
l
Propagation delay Time (tpHL/ tpLH) : 75ns(max.)
l
Switching speed : 20MBd(typ.) (NRZ)
l
Common mode transient immunity : 10kV/us
l
Isolation Voltage : 5000Vrms
l
Construction Mechanical Rating
7.62 mm pich
standard type
10.16 mm pich
TLPXXXF type
Creepage Distance
Clearance
Insulation Thickness
7.0 mm (min)
7.0 mm (min)
0.4 mm (min)
8.0 mm (min)
8.0 mm (min)
0.4 mm (min)
Truth Table
4.58
9.7±0.3
0.4
1.27
1.25
7.62±0.25
TOSHIBA
Weight: ---g
Input
LED
Tr1
Tr2
Output
H
ON
OFF
ON
L
L
OFF
ON
OFF
H
Unit : mm
Preliminary
Pin Configuration (top view)
1:Anode
3:Cathode
4:GND
5:VO
6:VCC
1
3
4
5
6
VCC
GND
SHIELD
2
Schematic
0.1uF bypass capacitor must be
connected between pin 6 and 4
VCC
VO
GND
ICC
IO
6
5
4
SHIELD
3−
1+
IF
Tr1
Tr2
VF


Similar Part No. - TLP716

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP716 TOSHIBA-TLP716 Datasheet
215Kb / 6P
Plasma display panel High Speed Interface Factory Automation
TLP716F TOSHIBA-TLP716F Datasheet
142Kb / 2P
Plasma display panel High Speed Interface Factory Automation
TLP716 TOSHIBA-TLP716_07 Datasheet
215Kb / 6P
Plasma display panel High Speed Interface Factory Automation
More results

Similar Description - TLP716

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP554 TOSHIBA-TLP554 Datasheet
404Kb / 8P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
TLP559 TOSHIBA-TLP559 Datasheet
152Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
TLP591B TOSHIBA-TLP591B Datasheet
153Kb / 4P
TOSHIBA Photocoupler GaALAs Ired & Photo-Diode Array
TLP2531 TOSHIBA-TLP2531 Datasheet
188Kb / 8P
TOSHIBA Photocoupler GaALAs Ired & Photo IC
TLP2601 TOSHIBA-TLP2601 Datasheet
217Kb / 9P
TOSHIBA Photocoupler GaALAs Ired & Photo-IC
TLP168J TOSHIBA-TLP168J Datasheet
169Kb / 5P
TOSHIBA Photocoupler GaALAs IRed & Photo-Triac
TLP719 TOSHIBA-TLP719 Datasheet
48Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC
TLP718 TOSHIBA-TLP718 Datasheet
255Kb / 9P
TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
TOSHIBA Photocoupler IRED Photo IC
2019-10-10
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
TOSHIBA Photocoupler IRED Photo IC
2019-05-27
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com