Electronic Components Datasheet Search
  English  ▼

X  

TLP716 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP716
Description  TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP716 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP716 Datasheet HTML 1Page - Toshiba Semiconductor TLP716 Datasheet HTML 2Page - Toshiba Semiconductor TLP716 Datasheet HTML 3Page - Toshiba Semiconductor TLP716 Datasheet HTML 4Page - Toshiba Semiconductor TLP716 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TLP716
2003-10-21
5
TEST CIRCUIT 3 : CMH , CML
CML (CMH) is the maximum rate of rise (fall) of the common mode voltage that can be sustained with the output
voltage in the low (high) state.
•
TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor
devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical
stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety
in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such
TOSHIBA products could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as
set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and
conditions set forth in the “Handling Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability
Handbook” etc..
•
The TOSHIBA products listed in this document are intended for usage in general electronics applications
(computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances,
etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires
extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or
bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments, airplane or
spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments,
medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this
document shall be made at the customer’s own risk.
•
Gallium (GaAs) Arsenide is a substance used in the products described in this document. GaAs dust or vapor is
harmful to the human body. Do not break, cut, crushu or dissolve chemically.
•
The products described in this document are subject to the foreign exchange and foreign trade laws.
•
The information contained herein is presented only as a guide for the applications of our products. No
responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights
of the third parties which may result from its use. No license is granted by implication or otherwise under any
intellectual property or other rights of TOSHIBA CORPORATION or others.
•
The information contained herein is subject to change without notice.
020704EBC
RESTRICTIONS ON PRODUCT USE
SW
VCM
10%
90%
1000V
・SW B 側 :IF=0mA
・SW A 側 : IF=12mA
4V
0.4V
Vo
CMH
tr
tf
VCC
0.1uF
VO
V
F
VCM
B
VCC
GND
SHIELD
1
3
6
5
4
2
CML
10%
90%
IF
+
−
800(V)
tr(µs)
800(V)
tf(µs)
CMH=
CML=
-
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com