Electronic Components Datasheet Search
  English  ▼

X  

LTM2885 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM2885
Description  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2885 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM2885 Datasheet HTML 2Page - Analog Devices LTM2885 Datasheet HTML 3Page - Analog Devices LTM2885 Datasheet HTML 4Page - Analog Devices LTM2885 Datasheet HTML 5Page - Analog Devices LTM2885 Datasheet HTML 6Page - Analog Devices LTM2885 Datasheet HTML 7Page - Analog Devices LTM2885 Datasheet HTML 8Page - Analog Devices LTM2885 Datasheet HTML 9Page - Analog Devices LTM2885 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC2873
6
REV B
For more information www.analog.com
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VL = 3.3V, TE485 = VL, LB = 0V unless otherwise noted. (Notes 2, 6)
SWITCHING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tZLSR232, tZHSR232 Receiver Enable from Shutdown
Time (Note 7)
VDD = 7.0V, VEE = –6.3V, 485/232 = 0V,
RL = 1kΩ, CL = 150pF, SHDN ↑ (Figure 12)
l
5
12
µs
tLZSR232, tHZSR232 Receiver Disable Into Shutdown Time 485/232 = 0V, RL = 1kΩ, CL = 150pF
SHDN ↓ (Figure 12)
l
0.4
2
μs
Mode Change Characteristics
tRDY
VDD and VEE Supply Rise Time
(Time from Shutdown to RS485 Ready)
(Figure 13)
l
0.2
1
ms
tDR232
Time from RS485 Mode to RS232 Mode
RS232 Driver Ready
(Figure 14)
l
0.2
1
µs
tR232
Time from RS485 Mode to RS232 Mode
RS232 Receiver Ready
(Figure 14)
l
0.8
3
µs
tDR485
Time from RS232 Mode to RS485
Mode RS485 Driver and Receiver Ready
(Figure 14)
l
70
250
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 3: Guaranteed by other measured parameters and not tested directly.
Note 4: Time from SHDN ↑ until VDD ≥ 5V and VEE ≤ –5V. External
components as shown in the Typical Application section.
Note 5: Guaranteed by design and not subject to production test.
Note 6:Testing was done with VDD and VEE back driven to valid supply
levels for functions that require these supplies, unless otherwise noted.
Note 7: If enabling from shutdown, where VDD and VEE supplies are
collapsed, allow the extra time it takes to generate valid VDD and VEE
supplies (tRDY).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com