Electronic Components Datasheet Search
  English  ▼

X  

LTM2885 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM2885
Description  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2885 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM2885 Datasheet HTML 4Page - Analog Devices LTM2885 Datasheet HTML 5Page - Analog Devices LTM2885 Datasheet HTML 6Page - Analog Devices LTM2885 Datasheet HTML 7Page - Analog Devices LTM2885 Datasheet HTML 8Page - Analog Devices LTM2885 Datasheet HTML 9Page - Analog Devices LTM2885 Datasheet HTML 10Page - Analog Devices LTM2885 Datasheet HTML 11Page - Analog Devices LTM2885 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC2873
8
REV B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS TA = 25°C, VCC = VL = 3.3V, unless otherwise noted.
RS232 Receiver Input Threshold
vs Temperature
RS232 Receiver Output Voltage
vs Load Current
RS485 Termination Resistance
vs Temperature
RS232 Driver Switching at 250kbps
RS232 Operation at 1Mbps
FAST Mode (DE485/F232 High)
LTC2873 Drivers Changing Modes
TEMPERATURE (°C)
–50
2.0
1.8
1.6
1.4
1.2
1.0
50
75
–25
2873 G13
100
25
0
VCC = 5V
VCC = 3.3V
INPUT HIGH
INPUT LOW
OUTPUT CURRENT (mA)
0
6
5
4
2
3
1
0
8
2
2873 G14
10
6
4
VL = 5V
VL = 3.3V
VL = 1.7V
TEMPERATURE (°C)
–50
130
118
116
114
112
110
128
126
124
122
120
50
75
–25
2873 G15
100
25
0
VCM = –7V
VCM = 2V
VCM = 12V
FAST MODE
SLOW MODE
2µs/DIV
DI
3V/DIV
A
3V/DIV
2873 G16
400ns/DIV
RO
3V/DIV
DI
3V/DIV
A = B
3V/DIV
2873 G17
TERMINATION ENABLED
50pF FROM A/DO to B/RI,
20ns/DIV
DI
5V/DIV
RO
5V/DIV
A/DO
1V/DIV
B/RI
1V/DIV
2873 G18
RS485 Receiver Propagation
Delay vs Temperature
RS485 Receiver Skew
vs Temperature
RS485 Receiver Output Voltage
vs Load Current
TEMPERATURE (°C)
–50
80
70
60
50
40
50
75
–25
2873 G10
100
25
0
VCC = 3.3V, VL = 1.7V
VCC = 5V, VL = 1.7V
VCC = 3.3V, VL = 3.3V
VCC = 5V, VL = 5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2873 G11
OUTPUT CURRENT (mA)
0
6
5
4
2
3
1
0
8
2
2873 G12
10
6
4
VL = 5V
VL = 3.3V
VL = 1.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com