Electronic Components Datasheet Search
  English  ▼

X  

LTM2885 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM2885
Description  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2885 Datasheet(HTML) 1 Page - Analog Devices

  LTM2885 Datasheet HTML 1Page - Analog Devices LTM2885 Datasheet HTML 2Page - Analog Devices LTM2885 Datasheet HTML 3Page - Analog Devices LTM2885 Datasheet HTML 4Page - Analog Devices LTM2885 Datasheet HTML 5Page - Analog Devices LTM2885 Datasheet HTML 6Page - Analog Devices LTM2885 Datasheet HTML 7Page - Analog Devices LTM2885 Datasheet HTML 8Page - Analog Devices LTM2885 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC2873
1
REV B
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Single-Bus RS485/RS232
Multiprotocol Transceiver with
Switchable Termination
The LTC®2873 is a robust pin-configurable multiprotocol
transceiver that supports RS232, RS485, and RS422
protocols while operating on a single 3V to 5.5V supply.
The LTC2873 can be configured as a half-duplex RS485
transceiver or as an RS232 transceiver using the same
two bus pins.
A pin-controlled integrated termination resistor allows for
easy interface reconfiguration, eliminating external resis-
tors and control relays. Loopback mode steers the driver
inputs to the receiver outputs for diagnostic self-test.
The RS485 receiver supports up to 256 nodes per bus,
and features full failsafe operation for floating, shorted or
terminated inputs.
An integrated DC/DC boost converter uses a tiny
2mm × 1.6mm inductor and one capacitor, eliminating
the need for multiple supplies when driving RS232 levels.
APPLICATIONS
n
One RS485 or One RS232 Transceiver
n
3V to 5.5V Supply Voltage
n
Up to 20Mbps RS485
n
Slew-Controlled RS232 Operation:
n
Selectable 1Mbps or 250kbps
n
Automatic Selection of Integrated RS485 (120Ω)
and RS232 (5kΩ) Termination Resistors
n
High ESD: ±26kV HBM
n
Logic Loopback Mode
n
1.7V to 5.5V Logic Interface
n
Supports Up to 256 RS485 Nodes
n
RS485 Receiver Failsafe Eliminates UART Lockup
n
H-Grade Available (–40°C to 125°C)
n
Available in 24-Pin 4mm × 5mm QFN Package
n
Software Selectable RS232/RS485/RS422 Interface
n
Industrial Sensors and Actuators
n
Alarm Systems
n
Traffic Control and Monitoring
n
Highway Signs and Jumbo Displays
All registered trademarks and trademarks are the property of their respective owners.
2873 TA01
120
5k
1F
1F
1F
1.7V TO VCC
3V TO 5.5V
220nF
10H
2.2F
VL
CAP
SW
SHDN
DI
RO
485/232
485/232
D/R
(485)
RE485
TE485
DE485/
F232
LB
GND
RS232
RS485
A/DO
B/RI
VDD
VEE
VCC
DATA IN
DATA OUT
LTC2873
RS232
(485/232
LOW)
RS485
(485/232
HIGH)
RS485/RS232 Mode Switching
RS232
RS485
1µs/DIV
DI
485/232
5V/DIV
A/DO
3V/DIV
B/RI
2873 TA01b


Similar Part No. - LTM2885

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 關Module Transceiver Power
logo
Analog Devices
LTM2885 AD-LTM2885 Datasheet
478Kb / 22P
짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTM2885 AD-LTM2885 Datasheet
1Mb / 30P
7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
Rev. A
LTM2885 AD-LTM2885 Datasheet
999Kb / 24P
±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
LTM2885 AD-LTM2885 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
More results

Similar Description - LTM2885

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1334 LINER-LTC1334 Datasheet
270Kb / 16P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
Single 5V RS232/RS422/RS485 Multiprotocol
logo
Linear Dimensions Semic...
LTC1334IG-PBF LINEAR_DIMENSIONS-LTC1334IG-PBF Datasheet
285Kb / 16P
Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Technology
LTC1334 LINER-LTC1334_15 Datasheet
285Kb / 16P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2873 LINER-LTC2873 Datasheet
184Kb / 6P
Single-Bus RS485/RS232 Multiprotocolv Transceiver with Switchable Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com