Electronic Components Datasheet Search
  English  ▼

X  

LTM2885 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM2885
Description  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2885 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM2885 Datasheet HTML 24Page - Analog Devices LTM2885 Datasheet HTML 25Page - Analog Devices LTM2885 Datasheet HTML 26Page - Analog Devices LTM2885 Datasheet HTML 27Page - Analog Devices LTM2885 Datasheet HTML 28Page - Analog Devices LTM2885 Datasheet HTML 29Page - Analog Devices LTM2885 Datasheet HTML 30Page - Analog Devices LTM2885 Datasheet HTML 31Page - Analog Devices LTM2885 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
LTC2873
28
REV B
For more information www.analog.com
TYPICAL APPLICATIONS
APPLICATION
NUMBER OF
LTC2873 DEVICES
L1
C1
C2
C3
MINIMUM
C4-X
SINGLE TRANSCEIVER
1
10µH
220nF
1µF
1µF
2.2µF
DUAL TRANSCEIVER
2
10µH
220nF
1µF
1µF
2.2µF
TRIPLE TRANSCEIVER
3
22µH
470nF
2.2µF
2.2µF
1µF
QUAD TRANSCEIVER
4
22µH
470nF
2.2µF
2.2µF
1µF
Figure 32. Quad Transceiver
DI-A
RO-A
VCC
VL
SHDN
485/232
LB
TE485
DI
RO
DE485/F232
RE485
SHDN
485/232-A
LB
TE485-A
DX485-A
RX485-A
SW
CAP
VDD
VEE
GND
A/DO
B/RI
A/DO-A
B/RI-A
L1
22µH
C1
470nF
C4-A
1µF
LTC2873
2873 F32
LTC2873
LTC2873
LTC2873
A
DI-B
RO-B
VCC
VL
SHDN
485/232
LB
TE485
DI
RO
DE485/F232
RE485
485/232-B
TE485-B
DX485-B
RX485-B
SW
CAP
VDD
VEE
GND
A/DO
B/RI
A/DO-B
B/RI-B
B
C4-B
1µF
DI-C
RO-C
VCC
VL
SHDN
485/232
LB
TE485
DI
RO
DE485/F232
RE485
485/232-C
TE485-C
DX485-C
RX485-C
SW
CAP
VDD
VEE
GND
A/DO
B/RI
A/DO-C
B/RI-C
C
C4-C
1µF
DI-D
RO-D
VCC
VL
SHDN
485/232
LB
TE485
DI
RO
DE485/F232
RE485
485/232-D
TE485-D
DX485-D
RX485-D
SW
CAP
VDD
VEE
GND
A/DO
B/RI
A/DO-D
B/RI-D
D
C4-D
1µF
C3
2.2µF
C2
2.2µF
3V TO 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com