Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM2882
Description  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM2882 Datasheet HTML 13Page - Analog Devices LTM2882 Datasheet HTML 14Page - Analog Devices LTM2882 Datasheet HTML 15Page - Analog Devices LTM2882 Datasheet HTML 16Page - Analog Devices LTM2882 Datasheet HTML 17Page - Analog Devices LTM2882 Datasheet HTML 18Page - Analog Devices LTM2882 Datasheet HTML 19Page - Analog Devices LTM2882 Datasheet HTML 20Page - Analog Devices LTM2882 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LTC2873
17
REV B
For more information www.analog.com
Figure 16. Simplified DC/DC Converter with Required External Components
The LTC2873 is a flexible multiprotocol transceiver sup-
porting RS485/RS422 and RS232 protocols.
Thisdevicecanbepoweredfromasingle3Vto5.5Vsupply
with optional logic interface supply as low as 1.7V. An inte-
grated DC/DC converter provides the positive and negative
supply rails needed for RS232 operation. Automatically
selected integrated termination resistors for both RS232
andRS485protocolsareincluded,eliminatingtheneedfor
external termination components and switching relays. A
logic loopback control is included for self-test and debug.
The LTC2873 bus interface is a single two-pin port that can
be configured as either an RS232 driver/receiver pair or a
differential RS485 (and RS422) transceiver depending on
the state of the 485/232 pin. In RS485 mode, the driver
andreceivercanbeenabledindependentlywiththeDE485/
F232 and RE485 pins, or by tying these signals together, a
single control selects transmit or receive modes. A 120Ω
terminationresistorisautomaticallyengagedbetweenpins
A/DO and B/RI in RS485 mode if TE485 is low.
When the LTC2873 is in RS232 mode, the RS232 driver
and receivers are both active and a 5k resistor is engaged
at the receiver input to ground. The slew rate in RS232
mode can be set to support 1Mbps or 250kbps operation
using the DE485/F232 pin.
APPLICATIONS INFORMATION
The LTC2873 features rugged operation with ESD ratings
of ±26kV HBM on the RS232 and RS485 receiver inputs
and driver outputs, both unpowered and powered. All
other pins offer protection exceeding ±4kV.
DC/DC Converter
The on-chip DC/DC converter operates from the VCC
input, generating a 7.0V VDD supply and a charge
pumped –6.3V VEE supply, as shown in Figure 16. VDD
and VEE power the output stage of the RS232 drivers
and are regulated to levels that guarantee greater than
±5V output swing.
The DC/DC converter requires a 10µH inductor (L1)
and a bypass capacitor (C4) of 2.2µF. The charge pump
capacitor (C1) is 220nF and the storage capacitors (C2
and C3) are 1µF. Locate C1 – C4 close to their associated
pins shown in Figure 16. Refer to Layout Considerations
section for guidance on circuit board layout.
Bypass capacitor C5 on the logic supply pin can be omitted
if VL is connected to VCC. See the VL Logic Supply section
for more details about the VL logic supply.
2873 F16
BOOST
REGULATOR
VCC
3V TO 5.5V
VL
1.7V TO VCC
C1
220nF
L1
10µH
C4
2.2µF
VCC
VDD
VEE
SW
GND
GND
CAP
C5
0.1µF
C2
1µF
C3
1µF
VL
14
12
9
22
20
13
10
11
NOTE: NOT ALL PINS SHOWN. IN THE CASE OF DUPLICATE PINS FOR VCC,
GND, AND VEE, EXTERNAL COMPONENTS SHOULD BE POSITIONED
CLOSEST TO THE NUMBERED PIN SHOWN ABOVE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com