Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM2882
Description  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM2882 Datasheet HTML 16Page - Analog Devices LTM2882 Datasheet HTML 17Page - Analog Devices LTM2882 Datasheet HTML 18Page - Analog Devices LTM2882 Datasheet HTML 19Page - Analog Devices LTM2882 Datasheet HTML 20Page - Analog Devices LTM2882 Datasheet HTML 21Page - Analog Devices LTM2882 Datasheet HTML 22Page - Analog Devices LTM2882 Datasheet HTML 23Page - Analog Devices LTM2882 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTC2873
20
REV B
For more information www.analog.com
Figure 18. RS485 Receiver Input Threshold Characteristics
with Typical Values Shown
2873 F18
–110mV –70mV
0V
RA
+110mV
A/DO TO B/RI
RISING THRESHOLD
SHIFTS IF SIGNAL IS
IN WINDOW > ~0.7µs
TO SUPPORT
FAILSAFE
TYPICAL APPLICATIONS
RS485 Balanced Receiver with Full Failsafe Operation
The LTC2873 RS485 receiver has a differential threshold
voltage that is about +110mV for signals that are rising
and –110mV for signals that are falling, as illustrated in
Figure18.Ifadifferentialinputsignallingersinthewindow
between these thresholds for more than about 0.7µs, the
rising threshold changes from +110mV to –70mV, while
the falling threshold remains at –110mV. Thus, differential
inputs that are shorted, open, or terminated but not driven
for more than 0.7µs produce a high on the receiver output,
indicating a failsafe condition.
(A-B)
200mV/DIV
B
200mV/DIV
A
RO
5V/DIV
2873 F19
200ns/DIV
Figure 19. A 3Mbps Signal Driven Down 4000ft of
CAT-5e Cable. Top Traces: Received Signals After
Transmission Through Cable; Middle Trace: Math
Showing Differences of Top Two Signals; Bottom
Trace: Receiver Output
The benefit of this dual threshold architecture is that
it supports full failsafe operation yet offers a balanced
threshold, centered on 0V, for normal data signals. This
balance preserves duty cycle for small input signals with
heavily slewed edges, typical of what might be seen at the
end of a very long cable. This performance is highlighted
in Figure 19, where a signal is driven through 4000ft of
CAT-5e cable at 3Mbps. Even though the differential sig-
nal peaks are at only 200mV and is heavily slewed, the
output maintains a nearly perfect signal with almost no
duty cycle distortion.
An additional benefit of the balanced architecture is excel-
lent noise immunity due to the wide effective differential
input signal hysteresis of 220mV for signals transitioning
throughthewindowregioninlessthan0.7µs.Increasingly
slower signals will have increasingly less effective hyster-
esis, limited by the DC failsafe hysteresis of about 40mV.
RS485 Biasing Network Not Required
RS485 networks are often biased with a resistive divider
to generate a differential voltage of ≥200mV on the data
lines, which establishes a logic-high state when all the
transmitters on the network are disabled. The values of
the biasing resistors depend on the number and type
of transceivers on the line and the number and value of
terminating resistors. Therefore, the values of the biasing
resistors must be customized to each specific network
installation, and may change if nodes are added to or
removed from the network.
The internal failsafe feature of the LTC2873 eliminates the
need for external network biasing resistors provided they
are used in a network of transceivers with similar internal
failsafe features. This also allows the network to support
a high number of nodes, up to 256, by eliminating the
bias resistor loading. The LTC2873 transceiver operates
correctly on biased, unbiased, or under-biased networks.
If a twisted pair has unbalanced capacitance from its two
conductors to AC ground, common mode transients can
translate into small differential voltages. If the common
mode event is large and fast enough, the resulting dif-
ferential voltage can cause a receiver, whose inputs are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com