Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 27 Page - Analog Devices

Part # LTM2882
Description  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTM2882 Datasheet HTML 23Page - Analog Devices LTM2882 Datasheet HTML 24Page - Analog Devices LTM2882 Datasheet HTML 25Page - Analog Devices LTM2882 Datasheet HTML 26Page - Analog Devices LTM2882 Datasheet HTML 27Page - Analog Devices LTM2882 Datasheet HTML 28Page - Analog Devices LTM2882 Datasheet HTML 29Page - Analog Devices LTM2882 Datasheet HTML 30Page - Analog Devices LTM2882 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
LTC2873
27
REV B
For more information www.analog.com
Figure 30. Low Voltage Microprocessor Interface
Figure 31. Receiver-Only RS485 Termination for Power Savings
TYPICAL APPLICATIONS Supply Connections and External Components Necessary for Operation Are Not Shown.
H = Logic High; L = Logic Low, X = Don’t Care (Logic High or Logic Low)
2873 F30
3V TO 5.5V
1.7V TO VCC
µP
LTC2873
LOGIC
LEVEL
SIGNALS
LINE
LEVEL
SIGNALS
RS232
AND/OR
RS485
VCC
VL
GND
2873 F31
120
DI
RO
485/232
RE485
TE485
DE485/F232
A/DO
B/RI
LTC2873
H H
Y
X MODE
L
H
H RS485 RECEIVE TRANSMIT
L RS232
SLOW
FAST
Y
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com