Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 29 Page - Analog Devices

Part # LTM2882
Description  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTM2882 Datasheet HTML 24Page - Analog Devices LTM2882 Datasheet HTML 25Page - Analog Devices LTM2882 Datasheet HTML 26Page - Analog Devices LTM2882 Datasheet HTML 27Page - Analog Devices LTM2882 Datasheet HTML 28Page - Analog Devices LTM2882 Datasheet HTML 29Page - Analog Devices LTM2882 Datasheet HTML 30Page - Analog Devices LTM2882 Datasheet HTML 31Page - Analog Devices LTM2882 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LTC2873
29
REV B
For more information www.analog.com
TYPICAL APPLICATIONS
3500VRMS Isolated RS485/RS232 Transceiver
2873 TA02
120
5k
1F
ISOLATED
5V IN
220nF
10H
2.2F
ISO
ISO
VL
CAP
SW
SHDN
DI
RO
485/232
RE485
TE485
DE485/F232
LB
GND
RS232
RS485
A/DO
B/RI
VDD
VEE
VCC
1F
ISO
LTC2873
ISOLATED
GND IN
3V TO
5.5V
DI
RO
485/232
RS485 D R
ISO
10k
RS232
(485/232
LOW)
RS485
(485/232
HIGH)
VCC2
VL2
ON2
IND
INE
INF
OUTC
OUTB
OUTA
EOUTA
GND2
GND2
VCC1
VL1
ON1
OUTD
OUTE
OUTF
INC
INB
INA
EOUTD
GND1
GND1
LTM2892-S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com