Electronic Components Datasheet Search
  English  ▼

X  

DRA821 Datasheet(PDF) 32 Page - Texas Instruments

Part # DRA821
Description  DRA821 Jacinto??Processors
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DRA821 Datasheet HTML 28Page - Texas Instruments DRA821 Datasheet HTML 29Page - Texas Instruments DRA821 Datasheet HTML 30Page - Texas Instruments DRA821 Datasheet HTML 31Page - Texas Instruments DRA821 Datasheet HTML 32Page - Texas Instruments DRA821 Datasheet HTML 33Page - Texas Instruments DRA821 Datasheet HTML 34Page - Texas Instruments DRA821 Datasheet HTML 35Page - Texas Instruments DRA821 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 228 page
background image
Table 7-1. Pin Attributes (continued)
BALL
NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXM
ODE 4
TYPE 5
BALL
RESET
STATE
6
BALL
RESET
REL.
MUXM
ODE 7
I/O
VOLTA
GE
VALUE
8
POWER 9
HYS 10
BUFFE
R TYPE
11
PULL
UP/
DOWN
TYPE 12
DSIS 13
RXACTI
VE/
TXDISA
BLE 14
V14
UART2_RXD
UART2_RXD
0
I
OFF
7
1.8
V/3.3 V
VDDSHV2
Yes
LVCMO
S
PU/PD
1
0/0
RGMII2_TD2
4
O
RMII2_CRS_DV
5
I
0
GPIO0_39
7
IO
pad
SPI6_CLK
8
IO
0
GPMC0_CLKOUT
9
O
GPMC0_FCLK_MUX
10
O
UART2_RXD
11
I
1
MCASP2_AXR3
12
IO
0
OBSCLK2
14
O
V13
UART2_TXD
UART2_TXD
0
O
OFF
7
1.8
V/3.3 V
VDDSHV2
Yes
LVCMO
S
PU/PD
RGMII2_TD3
4
O
RMII2_RX_ER
5
I
0
GPIO0_40
7
IO
pad
SPI6_D0
8
IO
0
UART2_TXD
11
O
MCASP2_AFSX
12
IO
0
W14
UART8_RXD
UART8_RXD
0
I
OFF
7
1.8
V/3.3 V
VDDSHV2
Yes
LVCMO
S
PU/PD
1
I2C4_SCL
2
IOD
IOD
MDIO0_MDIO
5
IO
0
GPIO0_42
7
IO
pad
TRC_DATA22
10
O
UART8_RXD
11
I
1
MCASP2_AFSR
12
IO
0
MCASP2_AXR4
13
IO
0
W19
UART8_TXD
UART8_TXD
0
O
OFF
7
1.8
V/3.3 V
VDDSHV2
Yes
LVCMO
S
PU/PD
SPI1_CS3
1
IO
1
I2C4_SDA
2
IOD
IOD
MDIO0_MDC
5
O
GPIO0_43
7
IO
pad
TRC_DATA23
10
O
UART8_TXD
11
O
MCASP2_ACLKR
12
IO
0
MCASP2_AXR5
13
IO
0
AA3
USB0_DM
USB0_DM
IO
3.3 V
VDDA_0P8
_USB ,VDD
A_1P8_US
B,
VDDA_3P3
_USB
USB2P
HY
AA2
USB0_DP
USB0_DP
IO
3.3 V
VDDA_0P8
_USB ,VDD
A_1P8_US
B,
VDDA_3P3
_USB
USB2P
HY
T4
USB0_DRVVBUS
USB0_DRVVBUS
0
O
OFF
7
1.8
V/3.3 V
VDDSHV0
Yes
LVCMO
S
PU/PD
GPIO0_68
7
IO
pad
V6
USB0_ID
USB0_ID
A
3.3 V
VDDA_0P8
_USB ,VDD
A_1P8_US
B,
VDDA_3P3
_USB
USB2P
HY
V5
USB0_RCALIB
USB0_RCALIB
IO
3.3 V
VDDA_0P8
_USB ,VDD
A_1P8_US
B,
VDDA_3P3
_USB
USB2P
HY
DRA821U, DRA821A
SPRSP57A – APRIL 2020 – REVISED OCTOBER 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRA821U DRA821A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com