Electronic Components Datasheet Search
  English  ▼

X  

DRA821 Datasheet(PDF) 13 Page - Texas Instruments

Part # DRA821
Description  DRA821 Jacinto??Processors
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRA821 Datasheet HTML 9Page - Texas Instruments DRA821 Datasheet HTML 10Page - Texas Instruments DRA821 Datasheet HTML 11Page - Texas Instruments DRA821 Datasheet HTML 12Page - Texas Instruments DRA821 Datasheet HTML 13Page - Texas Instruments DRA821 Datasheet HTML 14Page - Texas Instruments DRA821 Datasheet HTML 15Page - Texas Instruments DRA821 Datasheet HTML 16Page - Texas Instruments DRA821 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 228 page
background image
Table 7-1. Pin Attributes (continued)
BALL
NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXM
ODE 4
TYPE 5
BALL
RESET
STATE
6
BALL
RESET
REL.
MUXM
ODE 7
I/O
VOLTA
GE
VALUE
8
POWER 9
HYS 10
BUFFE
R TYPE
11
PULL
UP/
DOWN
TYPE 12
DSIS 13
RXACTI
VE/
TXDISA
BLE 14
L3
DDR0_DQ19
DDR0_DQ19
IO
1.1 V
VDDS_DDR
,
VDDS_DDR
_C,
VDDS_DDR
_BIAS
TBD
DDR
L2
DDR0_DQ20
DDR0_DQ20
IO
1.1 V
VDDS_DDR
,
VDDS_DDR
_C,
VDDS_DDR
_BIAS
TBD
DDR
L1
DDR0_DQ21
DDR0_DQ21
IO
1.1 V
VDDS_DDR
,
VDDS_DDR
_C,
VDDS_DDR
_BIAS
TBD
DDR
M3
DDR0_DQ22
DDR0_DQ22
IO
1.1 V
VDDS_DDR
,
VDDS_DDR
_C,
VDDS_DDR
_BIAS
TBD
DDR
N2
DDR0_DQ23
DDR0_DQ23
IO
1.1 V
VDDS_DDR
,
VDDS_DDR
_C,
VDDS_DDR
_BIAS
TBD
DDR
R3
DDR0_DQ24
DDR0_DQ24
IO
1.1 V
VDDS_DDR
,
VDDS_DDR
_C,
VDDS_DDR
_BIAS
TBD
DDR
T1
DDR0_DQ25
DDR0_DQ25
IO
1.1 V
VDDS_DDR
,
VDDS_DDR
_C,
VDDS_DDR
_BIAS
TBD
DDR
P1
DDR0_DQ26
DDR0_DQ26
IO
1.1 V
VDDS_DDR
,
VDDS_DDR
_C,
VDDS_DDR
_BIAS
TBD
DDR
P2
DDR0_DQ27
DDR0_DQ27
IO
1.1 V
VDDS_DDR
,
VDDS_DDR
_C,
VDDS_DDR
_BIAS
TBD
DDR
N4
DDR0_DQ28
DDR0_DQ28
IO
1.1 V
VDDS_DDR
,
VDDS_DDR
_C,
VDDS_DDR
_BIAS
TBD
DDR
P3
DDR0_DQ29
DDR0_DQ29
IO
1.1 V
VDDS_DDR
,
VDDS_DDR
_C,
VDDS_DDR
_BIAS
TBD
DDR
P4
DDR0_DQ30
DDR0_DQ30
IO
1.1 V
VDDS_DDR
,
VDDS_DDR
_C,
VDDS_DDR
_BIAS
TBD
DDR
www.ti.com
DRA821U, DRA821A
SPRSP57A – APRIL 2020 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DRA821U DRA821A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com