Electronic Components Datasheet Search
  English  ▼

X  

DRA821 Datasheet(PDF) 29 Page - Texas Instruments

Part # DRA821
Description  DRA821 Jacinto??Processors
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821 Datasheet(HTML) 29 Page - Texas Instruments

Back Button DRA821 Datasheet HTML 25Page - Texas Instruments DRA821 Datasheet HTML 26Page - Texas Instruments DRA821 Datasheet HTML 27Page - Texas Instruments DRA821 Datasheet HTML 28Page - Texas Instruments DRA821 Datasheet HTML 29Page - Texas Instruments DRA821 Datasheet HTML 30Page - Texas Instruments DRA821 Datasheet HTML 31Page - Texas Instruments DRA821 Datasheet HTML 32Page - Texas Instruments DRA821 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 228 page
background image
Table 7-1. Pin Attributes (continued)
BALL
NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXM
ODE 4
TYPE 5
BALL
RESET
STATE
6
BALL
RESET
REL.
MUXM
ODE 7
I/O
VOLTA
GE
VALUE
8
POWER 9
HYS 10
BUFFE
R TYPE
11
PULL
UP/
DOWN
TYPE 12
DSIS 13
RXACTI
VE/
TXDISA
BLE 14
AA19
RMII1_TXD1
RMII1_TXD1
0
O
OFF
7
1.8
V/3.3 V
VDDSHV2
Yes
LVCMO
S
PU/PD
1/0
RGMII1_RXC
4
I
0
RMII1_TXD1
5
O
GPIO0_8
7
IO
pad
EHRPWM_TZn_IN1
9
I
0
TRC_DATA5
10
O
UART9_RXD
11
I
1
MCASP0_AXR3
12
IO
0
I2C1_SDA
13
IOD
1
GPMC0_AD6
14
IO
0
AA8
SERDES0_REFCLK_N SERDES0_REFCLK_N
IO
0.8 V
VDDA_0P8
_SERDES0,
VDDA_1P8
_SERDES0,
VDDA_0P8
_SERDES0
_C
SERDE
S
AA9
SERDES0_REFCLK_P SERDES0_REFCLK_P
IO
0.8 V
VDDA_0P8
_SERDES0,
VDDA_1P8
_SERDES0,
VDDA_0P8
_SERDES0
_C
SERDE
S
AA11
SERDES0_RX0_N
SERDES0_RX0_N
I
0.8 V
VDDA_0P8
_SERDES0,
VDDA_1P8
_SERDES0,
VDDA_0P8
_SERDES0
_C
SERDE
S
AA12
SERDES0_RX0_P
SERDES0_RX0_P
I
0.8 V
VDDA_0P8
_SERDES0,
VDDA_1P8
_SERDES0,
VDDA_0P8
_SERDES0
_C
SERDE
S
W8
SERDES0_RX1_N
SERDES0_RX1_N
I
0.8 V
VDDA_0P8
_SERDES0,
VDDA_1P8
_SERDES0,
VDDA_0P8
_SERDES0
_C
SERDE
S
W9
SERDES0_RX1_P
SERDES0_RX1_P
I
0.8 V
VDDA_0P8
_SERDES0,
VDDA_1P8
_SERDES0,
VDDA_0P8
_SERDES0
_C
SERDE
S
Y7
SERDES0_RX2_N
SERDES0_RX2_N
I
0.8 V
VDDA_0P8
_SERDES0,
VDDA_1P8
_SERDES0,
VDDA_0P8
_SERDES0
_C
SERDE
S
Y8
SERDES0_RX2_P
SERDES0_RX2_P
I
0.8 V
VDDA_0P8
_SERDES0,
VDDA_1P8
_SERDES0,
VDDA_0P8
_SERDES0
_C
SERDE
S
W5
SERDES0_RX3_N
SERDES0_RX3_N
I
0.8 V
VDDA_0P8
_SERDES0,
VDDA_1P8
_SERDES0,
VDDA_0P8
_SERDES0
_C
SERDE
S
www.ti.com
DRA821U, DRA821A
SPRSP57A – APRIL 2020 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: DRA821U DRA821A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com