Electronic Components Datasheet Search
  English  ▼

X  

LTC3371 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC3371
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3371 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC3371 Datasheet HTML 3Page - Analog Devices LTC3371 Datasheet HTML 4Page - Analog Devices LTC3371 Datasheet HTML 5Page - Analog Devices LTC3371 Datasheet HTML 6Page - Analog Devices LTC3371 Datasheet HTML 7Page - Analog Devices LTC3371 Datasheet HTML 8Page - Analog Devices LTC3371 Datasheet HTML 9Page - Analog Devices LTC3371 Datasheet HTML 10Page - Analog Devices LTC3371 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC3376
7
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
RT-Programmed Oscillator
Frequency vs Temperature
Default Oscillator Frequency vs
Temperature
Oscillator Frequency vs RT
TA = 25°C, unless otherwise noted.
VTEMP vs Temperature
RUN Pin Rising Threshold vs
Temperature
RUN Pin Threshold vs
Temperature
RT = 402kΩ
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1.95
1.96
1.97
1.98
1.99
2.00
2.01
2.02
2.03
Frequency vs Temperature
RT-Programmed Oscillator
3376 G10
RT = INTVCC
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1.980
1.984
1.988
1.992
1.996
2.000
2.004
2.008
Temperature
Default Oscillator Frequency vs
3376 G11
All other RUN
pins low
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
500
550
600
650
700
750
800
850
900
Temperature
RUN Pin Rising Threshold vs
3376 G14
At least one other
RUN pin high
Rising
Falling
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
190
200
210
220
230
240
250
260
270
280
290
300
310
Temperature
RUN Pin Threshold vs
3376 G15
RT PIN RESISTANCE (kΩ)
260
350
440
530
620
710
800
0
0.50
1.00
1.50
2.00
2.50
3.00
3.50
Oscillator Frequency vs RT
3376 G12
Actual VTEMP
Ideal VTEMP
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–0.50
–0.25
0
0.25
0.50
0.75
1.00
1.25
VTEMP vs Temperature
3376 G13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com