Electronic Components Datasheet Search
  English  ▼

X  

LTC3371 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC3371
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3371 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC3371 Datasheet HTML 20Page - Analog Devices LTC3371 Datasheet HTML 21Page - Analog Devices LTC3371 Datasheet HTML 22Page - Analog Devices LTC3371 Datasheet HTML 23Page - Analog Devices LTC3371 Datasheet HTML 24Page - Analog Devices LTC3371 Datasheet HTML 25Page - Analog Devices LTC3371 Datasheet HTML 26Page - Analog Devices LTC3371 Datasheet HTML 27Page - Analog Devices LTC3371 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
LTC3376
26
Rev 0
For more information www.analog.com
TYPICAL APPLICATIONS
LTC3376
INTVCC
VCC
3V TO 20V
4.7µF
4.7µF
10µF
INTVCC_P
INTVCC
TEMP
EXTVCC
CFG0
RT
INTVCC
SYNC/MODE
GND
3376 TA05
PGNDD
INTVCC
RUN1
RUN1
IMON1
PGOOD1
RUN2
IMON2
PGOOD2
RUN3
IMON3
PGOOD3
RUN4
IMON4
PGOOD4
1.43k
10k
PGNDC
PGNDA
PGNDB
PGNDH
PGNDF
SWC
SWA
SWB
PGNDE
BSTH
BSTF
BSTE
FB3–
FB3+
FB2+
FB2–
SWH
FB1–
FB1+
3.3V
10.5A
120µF
BSTD
BSTB
BSTC
BSTA
VINH
VINF
VINE
VIND
4.7V TO 18V
10µF
×7
VINC
VINA
VINB
SWE
SWF
SWD
680nH
1.15M
158k
CFG1
CFG2
CFG3
CONFIGURATION 1101
7.2V TO 20V
10µF
BSTG
PGNDG
VING
SWG
FB4–
FB4+
RUN1
5V
1.5A
22µF
4.7µH
1.15M
100k
931k
66.5k
1µF
×7
1µF
(3V)
Two Rail (3.3V/10.5A, 5V/1.5A) System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com