Electronic Components Datasheet Search
  English  ▼

X  

LTC3371 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC3371
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3371 Datasheet(HTML) 1 Page - Analog Devices

  LTC3371 Datasheet HTML 1Page - Analog Devices LTC3371 Datasheet HTML 2Page - Analog Devices LTC3371 Datasheet HTML 3Page - Analog Devices LTC3371 Datasheet HTML 4Page - Analog Devices LTC3371 Datasheet HTML 5Page - Analog Devices LTC3371 Datasheet HTML 6Page - Analog Devices LTC3371 Datasheet HTML 7Page - Analog Devices LTC3371 Datasheet HTML 8Page - Analog Devices LTC3371 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC3376
1
Rev 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
20V, 4-Channel Buck DC/DC with
8x Configurable 1.5A Power Stages
The LTC®3376 is a highly flexible multioutput power
supply IC. The device includes four synchronous buck
converters, configured to share eight 1.5A power stages,
powered from independent 3V to 20V inputs. The DC/DCs
are assigned to one of fifteen power configurations via pin
strappable CFG0 to CFG3 pins. The LTC3376 includes the
integration of ceramic capacitors into the package for the
BST pins thereby saving PCB space. The common buck
switching frequency may be programmed with an external
resistor, synchronized to an external oscillator, or set to a
default internal 2MHz clock.
The operating mode for all DC/DCs may be programmed
via the SYNC/MODE pin for Burst Mode or forced continu-
ous mode operation. The PGOOD1 to PGOOD4 outputs
indicate when each enabled DC/DC is within a specified
percentage of its final output.
Current monitors allow for external monitoring of each
buck’s load. The EXTVCC pin allows for the internal cir-
cuitry to run from a 3V to 5.5V rail for improved efficiency.
Precision RUN pin thresholds facilitate power-up sequenc-
ing. The LTC3376 is available in a 64 lead 7mm × 7mm
BGA (0.8mm ball pitch).
1.5A Buck Efficiency vs ILOAD, VOUT=5V
APPLICATIONS
n
Wide VIN Range: 3V to 20V
n
Wide VOUT Range: 0.4V to 0.83 • VIN
n
8× 1.5A Buck Power Stages Configurable as 1 to 4
Output Channels
n
15 Unique Pin Selectable Output Configurations
(1.5A to 12A per Channel)
n
Internal Boost Capacitors for Reduced PCB Space
n
No Load IQ 27µA 1 Buck Enabled; 42µA All Bucks
Enabled
n
1% VOUT Accuracy on All Channels
n
Peak Current Mode Control (Burst Mode®
Operation/Forced Continuous)
n
Precision RUN Inputs, Individual PGOOD Outputs for
Power Sequencing
n
1MHz to 3MHz Frequency (RT Programmable, PLL
SYNC, or Internal 2MHz Oscillator)
n
TEMP Pin Output Indicates Die Temperature
n
Output Current Monitors
n
Differential Output Sense
n
Telecom/Industrial
n
12V Distributed Power Systems
All registered trademarks and trademarks are the property of their respective owners.
LTC3376
VINA/B
3V TO 20V
SWA/B
BSTA
INTVCC_P
VCC
3V TO 20V
INTVCC
RUN1
FB1–
EXTVCC
FB1+
IMON1
PGOOD1
RT
TEMP
GND
2
0.4V TO 5.5V
BUCK 1 (3A)
(3V)
3376 TA01a
SYNC/MODE
BSTB
2
PGNDA/B
2
CFG[3:0]
3V TO 5.5V
(OPTIONAL)
BUCK 2 (3A)
BUCK 3 (3A)
BUCK 4 (3A)
FORCED CONTINUOUS MODE
fOSC = 1MHz
L DCR = 12mΩ
L = 5.6µH
OPERATION
Burst Mode
EXTVCC = 3.3V
VIN = 8V
VIN = 12V
VIN = 20V
VIN = 8V
VIN = 12V
VIN = 20V
LOAD CURRENT (A)
1m
10m
100m
1 2
0
10
20
30
40
50
60
70
80
90
100
VOUT = 5V
1.5A Buck Efficiency vs ILOAD,
3376 G23


Similar Part No. - LTC3371

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3371 LINER-LTC3371 Datasheet
1Mb / 26P
4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
LTC3371 LINER-LTC3371 Datasheet
5Mb / 44P
60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
logo
Analog Devices
LTC3371 AD-LTC3371 Datasheet
3Mb / 26P
5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
11/19-REV.A
LTC3371 AD-LTC3371 Datasheet
1Mb / 24P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
11/19-REV.A
LTC3371 AD-LTC3371 Datasheet
1Mb / 22P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
More results

Similar Description - LTC3371

ManufacturerPart #DatasheetDescription
logo
Rohm
RTF015P02 ROHM-RTF015P02 Datasheet
87Kb / 5P
DC-DC Converter (-20V, -1.5A)
logo
Unisonic Technologies
P1596 UTC-P1596 Datasheet
223Kb / 8P
150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
logo
BCD Semiconductor Manuf...
AP3211 BCDSEMI-AP3211 Datasheet
453Kb / 12P
1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
1.5A Buck/Boost/Inverting DC-DC Regulator
logo
Linear Technology
LTC3370 LINER-LTC3370_15 Datasheet
974Kb / 24P
4-Channel 8A Configurable Buck DC/DCs
LTC3371 LINER-LTC3371_15 Datasheet
1Mb / 26P
4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
LTC3370EUH LINER-LTC3370EUH Datasheet
933Kb / 10P
4-Channel 8A Configurable Buck DC/DCs
LTC3370 LINER-LTC3370 Datasheet
796Kb / 24P
4-Channel 8A Configurable Buck DC/DCs
LTC3371 LINER-LTC3371 Datasheet
1Mb / 26P
4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
logo
Unisonic Technologies
P1595 UTC-P1595_15 Datasheet
268Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com