Electronic Components Datasheet Search
  English  ▼

X  

LTC3371 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC3371
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3371 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC3371 Datasheet HTML 5Page - Analog Devices LTC3371 Datasheet HTML 6Page - Analog Devices LTC3371 Datasheet HTML 7Page - Analog Devices LTC3371 Datasheet HTML 8Page - Analog Devices LTC3371 Datasheet HTML 9Page - Analog Devices LTC3371 Datasheet HTML 10Page - Analog Devices LTC3371 Datasheet HTML 11Page - Analog Devices LTC3371 Datasheet HTML 12Page - Analog Devices LTC3371 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC3376
9
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Minimum Off-Time vs
Temperature
1.5A Buck Efficiency vs ILOAD,
VOUT=5V
1.5A Buck Efficiency vs ILOAD,
VOUT=3.3V
1.5A Buck Efficiency vs ILOAD,
VOUT=1.8V
1.5A Buck Efficiency vs ILOAD,
VOUT=1.2V
3A Buck Efficiency vs ILOAD,
VOUT=3.3V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
88
89
90
91
92
93
94
Temperature
Minimum Off-Time vs
3376 G22
FORCED CONTINUOUS MODE
fOSC = 1MHz
L DCR = 12mΩ
L = 5.6µH
OPERATION
Burst Mode
EXTVCC = 3.3V
VIN = 8V
VIN = 12V
VIN = 20V
VIN = 8V
VIN = 12V
VIN = 20V
LOAD CURRENT (A)
1m
10m
100m
1 2
0
10
20
30
40
50
60
70
80
90
100
VOUT = 5V
1.5A Buck Efficiency vs ILOAD,
3376 G23
FORCED CONTINUOUS MODE
EXTVCC = 3.3V
fOSC = 2MHz
L DCR = 14.5mΩ
L = 4.9µH
OPERATION
Burst Mode
VIN = 5V
VIN = 12V
VIN = 20V
VIN = 5V
VIN = 12V
VIN = 20V
LOAD CURRENT (A)
1m
10m
100m
1 2
0
10
20
30
40
50
60
70
80
90
100
VOUT = 3.3V
1.5A Buck Efficiency vs ILOAD,
3376 G24
FORCED CONTINUOUS MODE
fOSC = 2MHz
L DCR = 13.2mΩ
L = 2.2µH
OPERATION
Burst Mode
EXTVCC = 3.3V
VIN = 3.3V
VIN = 5V
VIN = 12V
VIN = 3.3V
VIN = 5V
VIN = 12V
LOAD CURRENT (A)
1m
10m
100m
1 2
0
10
20
30
40
50
60
70
80
90
100
VOUT = 1.8V
1.5A Buck Efficiency vs ILOAD,
3376 G25
FORCED CONTINUOUS MODE
fOSC = 2MHz
L DCR = 15mΩ
L = 1.5µH
OPERATION
Burst Mode
EXTVCC = 3.3V
VIN = 3.3V
VIN = 5V
VIN = 3.3V
VIN = 5V
LOAD CURRENT (A)
1m
10m
100m
1 2
0
10
20
30
40
50
60
70
80
90
100
VOUT = 1.2V
1.5A Buck Efficiency vs ILOAD,
3376 G26
L = 2.2µH
L DCR = 6.0mΩ
fOSC = 2MHz
FORCED CONTINUOUS MODE
Burst Mode
OPERATION
EXTVCC = 3.3V
VIN = 5V
VIN = 12V
VIN = 20V
VIN = 5V
VIN = 12V
VIN = 20V
LOAD CURRENT (A)
1m
10m
100m
1
3
0
10
20
30
40
50
60
70
80
90
100
VOUT = 3.3V
3A Buck Efficiency vs ILOAD,
3376 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com