Electronic Components Datasheet Search
  English  ▼

X  

LTC3375 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC3375
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3375 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC3375 Datasheet HTML 4Page - Analog Devices LTC3375 Datasheet HTML 5Page - Analog Devices LTC3375 Datasheet HTML 6Page - Analog Devices LTC3375 Datasheet HTML 7Page - Analog Devices LTC3375 Datasheet HTML 8Page - Analog Devices LTC3375 Datasheet HTML 9Page - Analog Devices LTC3375 Datasheet HTML 10Page - Analog Devices LTC3375 Datasheet HTML 11Page - Analog Devices LTC3375 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC3376
8
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Top Switch RDS(ON) vs
Temperature
Bottom Switch RDS(ON) vs
Temperature
Minimum On-Time vs
Temperature
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
50
80
110
140
170
200
230
260
290
320
350
Temperature
Top Switch RDS(ON) vs
3376 G19
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
40
60
80
100
120
140
160
Temperature
Bottom Switch RDS(ON) vs
3376 G20
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
50
51
52
53
54
55
56
Temperature
Minimum On-Time vs
3376 G21
VFB+ – VFB– vs Temperature
Top Switch Current Limit vs
Temperature
Top Switch Leakage vs
Temperature
VFB– = 0
VFB– = +10mV
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
396.0
396.8
397.6
398.4
399.2
400.0
400.8
401.6
402.4
403.2
404.0
VFB+ - VFB- vs Temperature
3376 G16
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Temperature
Top Switch Leakage vs
3376 G18
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
2.35
2.38
2.41
2.44
2.47
2.50
2.53
2.56
2.59
2.62
2.65
Temperature
Top Switch Current Limit vs
3376 G17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com