Electronic Components Datasheet Search
  English  ▼

X  

LTC3375 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3375
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3375 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3375 Datasheet HTML 7Page - Analog Devices LTC3375 Datasheet HTML 8Page - Analog Devices LTC3375 Datasheet HTML 9Page - Analog Devices LTC3375 Datasheet HTML 10Page - Analog Devices LTC3375 Datasheet HTML 11Page - Analog Devices LTC3375 Datasheet HTML 12Page - Analog Devices LTC3375 Datasheet HTML 13Page - Analog Devices LTC3375 Datasheet HTML 14Page - Analog Devices LTC3375 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC3376
11
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
IMON Voltage vs ILOAD
1.5A Buck Regulator No Load
Start-Up Transient
1.5A Buck Regulator, Transient
Response (Burst Mode Operation)
1.5A Buck Regulator, Transient
Response (Forced Continuous
Mode)
TA = 25°C, unless otherwise noted.
VIN = 12V
VOUT = 3.3V
L = 4.9µH
fOSC = 2MHz
RIMON = 10kΩ
CIMON = 22nF
Continuous Mode
Burst Mode
LOAD CURRENT (A)
1m
10m
100m
1 2
0.1
1
10
100
1k
IMON Voltage vs ILOAD
3376 G34
Start-Up Transient
1.5A Buck Regulator No Load
VIN = 12V
L = 4.7µH
VOUT = 3.3V
200µs/DIV
RUN
5V/DIV
VOUT
2V/DIV
INDUCTOR
CURRENT
250mA/DIV
3376 G35
Response (Burst Mode Operation)
1.5A Buck Regulator, Transient
LOAD STEP: 150mA to 1.05A
VIN = 12V
L = 4.7µH
VOUT = 5V
COUT = 22µF
fOSC = 2MHz
40µs/DIV
VOUT
200mV/DIV
AC–COUPLED
INDUCTOR
CURRENT
500mA/DIV
0mA
3376 G36
Mode)
Response (Forced Continuous
1.5A Buck Regulator, Transient
LOAD STEP: 150mA to 1.05A
VIN = 12V
L = 4.7µH
VOUT = 5V
COUT = 22µF
fOSC = 2MHz
40µs/DIV
VOUT
200mV/DIV
AC–COUPLED
INDUCTOR
CURRENT
500mA/DIV
0mA
3376 G37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com