Electronic Components Datasheet Search
  English  ▼

X  

LTC3375 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC3375
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3375 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC3375 Datasheet HTML 13Page - Analog Devices LTC3375 Datasheet HTML 14Page - Analog Devices LTC3375 Datasheet HTML 15Page - Analog Devices LTC3375 Datasheet HTML 16Page - Analog Devices LTC3375 Datasheet HTML 17Page - Analog Devices LTC3375 Datasheet HTML 18Page - Analog Devices LTC3375 Datasheet HTML 19Page - Analog Devices LTC3375 Datasheet HTML 20Page - Analog Devices LTC3375 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTC3376
17
Rev 0
For more information www.analog.com
OPERATION
Buck Switching Regulators
TheLTC3376isa20Vmonolithic,constantfrequency,four
channel, 12A configurable, peak current mode step-down
DC/DC converter. The device includes four synchronous
buck converters, configured to share eight 1.5A power
stages. The LTC3376 includes the integration of ceramic
capacitors into the package for all BST pins. These capaci-
tors reduce PC board space by eliminating the need for
external BST capacitors.
The buck switching regulators are internally compensated
and require external feedback resistors to set the output
voltage. An internal oscillator, which can be synchronized
to an external oscillator, turns on the internal top power
switch at the beginning of each clock cycle. Current in the
inductor ramps up until the top switch current comparator
trips and turns off the top power switch. The peak inductor
current at which the top switch turns off is controlled by
an internal VC voltage which the error amplifier regulates
by comparing the voltage on the feedback pin with an in-
ternal 400mV reference. When the load current increases,
it causes a reduction in the feedback voltage relative to the
referencecausingtheerroramplifiertoraisetheVCvoltage
until the average inductor current matches the new load
current. When the top power switch turns off, the bottom
power switch turns on until the next clock cycle begins or,
if in Burst Mode, until the inductor current falls to zero.
Each buck converter can operate at an independent VIN
voltage and has its own FB+, FB–, RUN, IMON, and PGOOD
pins to maximize flexibility. The RUN pins have two differ-
ent enable threshold voltages that depend on the operating
state of the LTC3376. The first buck regulator to turn on
will have a RUN pin rising threshold of 730mV(typ). The
last buck regulator to turn off will have a RUN pin falling
threshold of 690mV(typ). If any one buck regulator is on,
all other RUN pins will use the bandgap-based precision
thresholds off 300mV(typ) rising and 200mV(typ) falling.
The precision RUN thresholds may be used to provide
event-based power-up sequencing by connecting the RUN
pin to the output of another buck through a resistor divider.
All buck regulators have forward and reverse-current limit-
ing, short-circuit protection, and soft-start to limit inrush
current during start-up. If the RUN pin of a buck is low, that
buck is shut down to a low quiescent current state and the
SW pin is pulled to PGND through a 1k resistor. If all buck
regulatorsareoff,mosttoplevelcircuitsareshutdown,and
the quiescent current of the LTC3376 is 9µA(typ). When a
buck is enabled there is a 100μs(typ) delay before switch-
ing commences and the soft start ramp begins. If a buck
is the first one to be enabled, then this delay is 250µs(typ).
The buck switching regulators are phased in 90° steps to
reduce noise and input ripple. The phase step determines
the fixed edge of the switching sequence, which is when
the top switch turns on. The top switch off (bottom switch
on) phase is subject to the duty cycle demanded by the
regulator. Buck 2 is set to 0°. Buck 1 is set to 90°. Buck 4
is set to 180°. Buck 3 is set to 270°.
Buck Regulators with Combined Power Stages
Up to four buck regulators may be combined in a master-
slave configuration in various combinations by setting the
CFG0, CFG1, CFG2, and CFG3 pins. These configuration
pins should either be tied to ground or tied to INTVCC in
accordance with the desired configuration (Table 1). Any
combined SW pins must be tied together, as must any of
the combined VIN and BST pins. The bucks have a com-
mon VINbuteachVINpinshouldhaveitsowninputbypass
capacitors (see Applications Information). RUN1, FB1+,
FB1–, IMON1, and PGOOD1 are utilized by Buck 1. RUN2,
FB2+, FB2–, IMON2, and PGOOD2 are utilized by Buck 2.
RUN3,FB3+,FB3–,IMON3,andPGOOD3areutilizedbyBuck
3. RUN4, FB4+, FB4–, IMON4, and PGOOD4 are utilized by
Buck 4. If a buck is not utilized in a particular configuration,
then the RUN, FB+, and FB–, IMON, PGOOD pins should
be tied to GND. Its VIN, SW, and BST pins will be used as
a slave to another master and must be connected to that
master’s respective power pins.
Buck regulators can be combined to provide 3A, 4.5A, 6A,
7.5A,9A,10.5A,or12Aofoutputloadcurrent.Forexample,
code 0110 (CFG[3:0]) configures Buck 1 to operate as a
4.5A regulator through VIN/SW/BST pairs A, B, and H,
while Buck 2 is disabled, Buck 3 operates as a 6A regula-
tor through VIN/SW/BST pairs C, D, E, and F, and Buck 4
operates as a 1.5A regulator through VIN/SW/BST pair G.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com