Electronic Components Datasheet Search
  English  ▼

X  

LTC3375 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC3375
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3375 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC3375 Datasheet HTML 8Page - Analog Devices LTC3375 Datasheet HTML 9Page - Analog Devices LTC3375 Datasheet HTML 10Page - Analog Devices LTC3375 Datasheet HTML 11Page - Analog Devices LTC3375 Datasheet HTML 12Page - Analog Devices LTC3375 Datasheet HTML 13Page - Analog Devices LTC3375 Datasheet HTML 14Page - Analog Devices LTC3375 Datasheet HTML 15Page - Analog Devices LTC3375 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC3376
12
Rev 0
For more information www.analog.com
PIN FUNCTIONS
BSTA (Pin A1): Boost Node for Power Stage A.
BSTB (Pin B2): Boost Node for Power Stage B.
BSTC (Pin G2): Boost Node for Power Stage C.
BSTD (Pin H1): Boost Node for Power Stage D.
BSTE (Pin H8): Boost Node for Power Stage E.
BSTF (Pin G7): Boost Node for Power Stage F.
BSTG (Pin B7): Boost Node for Power Stage G.
BSTH (Pin A8): Boost Node for Power Stage H.
CFG0 (Pin F2): Configuration Input Bit. With CFG1, CFG2
and CFG3, CFG0 configures the Buck output current power
stage combinations. CFG0 should be tied to either INTVCC
or GND. Do not float.
CFG1 (Pin G6): Configuration Input Bit. With CFG0, CFG2,
and CFG3, CFG1 configures the Buck output current power
stage combinations. CFG1 should be tied to either INTVCC
or GND. Do not float.
CFG2 (Pin G4): Configuration Input Bit. With CFG0, CFG1,
and CFG3, CFG2 configures the Buck output current power
stage combinations. CFG2 should be tied to either INTVCC
or GND. Do not float.
CFG3 (Pin F7): Configuration Input Bit. With CFG0, CFG1
and CFG2, CFG3 configures the Buck output current power
stage combinations. CFG3 should be tied to either INTVCC
or GND. Do not float.
EXTVCC (Pin C2): External VCC Low Voltage Supply. The
internal LDO regulator draws current from EXTVCC instead
of from VCC when EXTVCC is tied to a voltage higher than
3V. For output voltages of 3.3V and above this pin can be
tied to that VOUT. If this pin is tied to a supply other than a
buck output, use a 4.7µF local bypass capacitor on this pin.
EXTVCC should be tied to ground if not used. Do not float.
FB1+ (Pin D4): Positive Feedback Pin for Buck Regulator 1.
Receives feedback by a resistor divider connected across
the output.
FB2+ (Pin E4): Positive Feedback Pin for Buck Regulator 2.
Receives feedback by a resistor divider connected across
the output.
FB3+ (Pin E5): Positive Feedback Pin for Buck Regulator 3.
Receives feedback by a resistor divider connected across
the output.
FB4+ (Pin D5): Positive Feedback Pin for Buck Regulator 4.
Receives feedback by a resistor divider connected across
the output.
FB1– (Pin C3): Negative Feedback Pin for Buck Regulator 1.
Connect directly to the GND side of the feedback resistor
divider that connects across the output.
FB2– (Pin F3): Negative Feedback Pin for Buck Regulator 2.
Connect directly to the GND side of the feedback resistor
divider that connects across the output.
FB3– (Pin F6): Negative Feedback Pin for Buck Regulator 3.
Connect directly to the GND side of the feedback resistor
divider that connects across the output.
FB4– (Pin C6): Negative Feedback Pin for Buck Regulator 4.
Connect directly to the GND side of the feedback resistor
divider that connects across the output.
GND (Pin B5): LTC3376 Ground Pin. Connect this pin
to system ground and to the ground plane. Do not float.
IMON1 (Pin D3): Current Monitor Pin for Buck Regulator 1.
IMON1 outputs a current of 100µA (typical) at 1.5A load
current for each power stage configured. Connect a
resistor from IMON1 to GND. The value of this resistor
should be chosen so that IMON1 is 1V at full load (1.5A
per power stage). The IMON1 voltage will decrease by
0.67V/A at lower load currents. The IMON1 output current
will be 0 when the regulator is sleeping in Burst Mode or
is disabled.
IMON2 (Pin E3): Current Monitor Pin for Buck Regulator 2.
IMON2 outputs a current of 100µA (typical) at 1.5A load
current for each power stage configured. Connect a
resistor from IMON2 to GND. The value of this resistor
should be chosen so that IMON2 is 1V at full load (1.5A
per power stage). The IMON2 voltage will decrease by
0.67V/A at lower load currents. The IMON2 output current
will be 0 when the regulator is sleeping in Burst Mode or
is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com