Electronic Components Datasheet Search
  English  ▼

X  

LTC3375 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC3375
Description  5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3375 Datasheet(HTML) 4 Page - Analog Devices

  LTC3375 Datasheet HTML 1Page - Analog Devices LTC3375 Datasheet HTML 2Page - Analog Devices LTC3375 Datasheet HTML 3Page - Analog Devices LTC3375 Datasheet HTML 4Page - Analog Devices LTC3375 Datasheet HTML 5Page - Analog Devices LTC3375 Datasheet HTML 6Page - Analog Devices LTC3375 Datasheet HTML 7Page - Analog Devices LTC3375 Datasheet HTML 8Page - Analog Devices LTC3375 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTC3307A
4
Rev. A
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3307A is tested under pulsed load conditions such
that TJ ≈ TA. The LTC3307AE is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization, and correlation with statistical process controls. The
LTC3307AI is guaranteed over the –40°C to 125°C operating junction
temperature range. The LTC3307AJ and LTC3307AH are guaranteed
over the –40°C to 150°C operating junction temperature range. The
LTC3307AMP is guaranteed over the –55°C to 150°C operating junction
temperature range. High junction temperatures degrade operating
lifetimes; operating lifetime is derated for junction temperatures above
125°C. Note that the maximum ambient temperature consistent with
these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal impedance,
and other environmental factors. The junction temperature (TJ in °C) is
calculated from ambient temperature (TA in °C) and power dissipation (PD
in Watts) according to the formula:
TJ = TA + (PD • θJA), where θJA (in °C/W) is the package thermal
impedance. See High Temperature Considerations section for more
details.
The LTC3307A includes overtemperature protection that protects the
device during momentary overload conditions. Junction temperatures will
exceed 150°C when overtemperature protection is engaged. Continuous
operation above the specified maximum operating junction temperature
may impair device reliability.
Note 3: Supply current specification does not include switching currents.
Actual supply currents will be higher.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com