Electronic Components Datasheet Search
  English  ▼

X  

LTC3375 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3375
Description  5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3375 Datasheet(HTML) 2 Page - Analog Devices

  LTC3375 Datasheet HTML 1Page - Analog Devices LTC3375 Datasheet HTML 2Page - Analog Devices LTC3375 Datasheet HTML 3Page - Analog Devices LTC3375 Datasheet HTML 4Page - Analog Devices LTC3375 Datasheet HTML 5Page - Analog Devices LTC3375 Datasheet HTML 6Page - Analog Devices LTC3375 Datasheet HTML 7Page - Analog Devices LTC3375 Datasheet HTML 8Page - Analog Devices LTC3375 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTC3307A
2
Rev. A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN .............................................................. –0.3V to 6V
EN ........................ –0.3V to Lesser of (VIN + 0.3V) or 6V
FB ........................ –0.3V to Lesser of (VIN + 0.3V) or 6V
MODE/SYNC ........ –0.3V to Lesser of (VIN + 0.3V) or 6V
RT ........................ –0.3V to Lesser of (VIN + 0.3V) or 6V
AGND to PGND ....................................... –0.3V to +0.3V
PGOOD......................................................... –0.3V to 6V
IPGOOD......................................................................5mA
Operating Junction Temperature Range (Note 2):
LTC3307AE ....................................... –40˚C to +125°C
LTC3307AI .........................................–40˚C to +125˚C
LTC3307AJ ........................................–40˚C to +150˚C
LTC3307AH........................................–40˚C to +150˚C
LTC3307AMP.....................................–55˚C to +150˚C
Storage Temperature Range .................–65˚C to +150°C
Maximum Reflow (Package Body) Temperature ...260°C
(Note 1)
TOP VIEW
AGND
EN
VIN
PGND
RT
MODE/SYNC
VIN
PGND
10
9
8
7
1
2
3
4
LQFN PACKAGE
12-LEAD (2mm × 2mm × 0.74mm)
TJMAX = 150°C, θJA = 51°C/W, θJB = 12°C/W,
θJCBOTTOM = 8.6°C/W, θJCTOP = 73°C/W, ΨJT = 0.6°C/W
θ AND Ψ VALUES DETERMINED PER JESD51-7 ON A JEDEC 2S2P PCB,
EXPOSED PAD (PIN 13) IS PGND, MUST BE SOLDERED TO PCB
13
PGND
12
11
5
6
ORDER INFORMATION
TAPE AND REEL
TAPE AND REEL MINI
PART MARKING*
PACKAGE
TYPE
TEMPERATURE RANGE
LTC3307AEV#TRPBF
LTC3307AEV#TRMPBF
LHFR
LQFN
(Laminate Package with QFN Footprint)
–40°C to 125°C
LTC3307AIV#TRPBF
LTC3307AIV#TRMPBF
LHFR
–40°C to 125°C
LTC3307AJV#TRPBF
LTC3307AJV#TRMPBF
LHFR
–40°C to 150°C
LTC3307AHV#TRPBF
LTC3307AHV#TRMPBF
LHFR
–40°C to 150°C
LTC3307AMPV#TRPBF
LTC3307AMPV#TRMPBF
LHFR
–55°C to 150°C
AUTOMOTIVE PRODUCTS**
LTC3307AEV#WTRPBF
LTC3307AEV#WTRMPBF
LHFR
LQFN
(Laminate Package with QFN Footprint)
–40°C to 125°C
LTC3307AIV#WTRPBF
LTC3307AIV#WTRMPBF
LHFR
–40°C to 125°C
LTC3307AJV#WTRPBF
LTC3307AJV#WTRMPBF
LHFR
–40°C to 150°C
LTC3307AHV#WTRPBF
LTC3307AHV#WTRMPBF
LHFR
–40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com