Electronic Components Datasheet Search
  English  ▼

X  

LTC3375 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC3375
Description  5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3375 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC3375 Datasheet HTML 9Page - Analog Devices LTC3375 Datasheet HTML 10Page - Analog Devices LTC3375 Datasheet HTML 11Page - Analog Devices LTC3375 Datasheet HTML 12Page - Analog Devices LTC3375 Datasheet HTML 13Page - Analog Devices LTC3375 Datasheet HTML 14Page - Analog Devices LTC3375 Datasheet HTML 15Page - Analog Devices LTC3375 Datasheet HTML 16Page - Analog Devices LTC3375 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC3307A
13
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Low Supply Operation
The LTC3307A is designed to operate down to an input
supply voltage of 2.25V. One important consideration at
low input supply voltages is that the RDS(ON) of the inter-
nal power switches increases. Calculate the worst case
LTC3307A power dissipation and die junction temperature
at the lowest input voltages.
Output Short-Circuit Protection and Recovery
The peak inductor current level, at which the current com-
parator shuts off the top power switch, is controlled by the
internal VC voltage. When the output current increases,
the error amplifier raises VC until the average inductor
current matches the load current. The LTC3307A clamps
the maximum VC voltage, thereby limiting the peak induc-
tor current.
When the output is shorted to ground, the inductor cur-
rent decays very slowly when the bottom power switch
is on because the voltage across the inductor is low. To
keep the inductor current in control, a secondary limit is
imposed on the valley of the inductor current. If the induc-
tor current measured through the bottom power switch
remains greater than IVALLEYMAX at the end of the cycle,
the top power switch will be held off. Subsequent switch-
ing cycles will be skipped until the inductor current falls
below IVALLEYMAX.
Recovery from an output short circuit may involve a soft-
start cycle if VFB falls more than approximately 100mV
below regulation. During such a recovery, VFB will quickly
charge up by that ~100mV and then follow the soft-start
ramp until regulation is reached.
Refer to the Block Diagram for reference.
Output Voltage and Feedback Network
The output voltage is programmed by a resistor divider
between the output and the FB pin. Choose the resistor
values according to:
RA = RB
VOUT
500mV
– 1
⎛
⎝
⎜
⎞
⎠
⎟
(1)
as shown in Figure 1:
Figure 1.
COUT
CFF
RA
VOUT
FB
3307A F01
BUCK
SWITCHING
REGULATOR
(OPTIONAL)
+
RB
Feedback Resistor Network
Reference designators refer to the Block Diagram. Typical
values for RB range from 40kΩ to 400kΩ. 0.1% resistors
are recommended to maintain output voltage accuracy.
The buck regulator transient response may improve with
an optional phase lead capacitor CFF that helps cancel
the pole created by the feedback resistors and the input
capacitance of the FB pin. Experimentation with capaci-
tor values between 2pF and 22pF may improve transient
response. The values used in the typical application cir-
cuits are a good starting point.
Operating Frequency Selection and Trade-Offs
Selection of the operating frequency is a trade-off between
efficiency, component size, transient response and input
voltage range.
The advantage of high frequency operation is that smaller
inductor and capacitor values may be used. Higher
switching frequencies allow for higher control loop
bandwidth and, therefore, faster transient response. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com