Electronic Components Datasheet Search
  English  ▼

X  

LTC3375 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC3375
Description  5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3375 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC3375 Datasheet HTML 16Page - Analog Devices LTC3375 Datasheet HTML 17Page - Analog Devices LTC3375 Datasheet HTML 18Page - Analog Devices LTC3375 Datasheet HTML 19Page - Analog Devices LTC3375 Datasheet HTML 20Page - Analog Devices LTC3375 Datasheet HTML 21Page - Analog Devices LTC3375 Datasheet HTML 22Page - Analog Devices LTC3375 Datasheet HTML 23Page - Analog Devices LTC3375 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LTC3307A
20
Rev. A
For more information www.analog.com
VIN UVLO 3.0V, 1MHz, 1.8V, 3A, Pulse Skip Mode
Small Solution Size, 3MHz, 1.2V, 3A, Forced Continuous Mode
3307A TA02
EN
SW
SW
VIN
VIN
PGND
71.5k
261k
15pF
4.7µF
4.7µF
1 H
100k
33µF
x2
VOUT
1.8V
3A
VIN = 3.0V TO 5.5V
VFB
1.3M
200k
1M
VIN
AGND
PGOOD
LTC3307A
10nF
VIN
1µF
0201
MODE/SYNC
RT
fOSC = 1MHz
1µF
0201
3307A TA03
EN
SW
SW
VIN
VIN
PGND
22.6k
140k
10pF
4.7µF
4.7µF
330nH
100k
10µF
x2
VOUT
1.2V
3A
VIN = 2.25V TO 5.5V
VFB
1µF
0201
1µF
0201
1M
VIN
AGND
PGOOD
LTC3307A
10nF
VIN
MODE/SYNC
RT
FLOAT
fOSC = 3MHz
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com