Electronic Components Datasheet Search
  English  ▼

X  

LTC3884 Datasheet(PDF) 39 Page - Analog Devices

Part # LTC3884
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3884 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTC3884 Datasheet HTML 35Page - Analog Devices LTC3884 Datasheet HTML 36Page - Analog Devices LTC3884 Datasheet HTML 37Page - Analog Devices LTC3884 Datasheet HTML 38Page - Analog Devices LTC3884 Datasheet HTML 39Page - Analog Devices LTC3884 Datasheet HTML 40Page - Analog Devices LTC3884 Datasheet HTML 41Page - Analog Devices LTC3884 Datasheet HTML 42Page - Analog Devices LTC3884 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 116 page
background image
LTC3883/LTC3883-1
39
Rev. F
For more information www.analog.com
APPLICATIONS INFORMATION
TheTypicalApplicationonthebackpageisabasicLTC3883
application circuit. The LTC3883 can be configured to use
either DCR (inductor resistance) sensing or low value
resistor sensing. The choice between the two current
sensing schemes is largely a design trade-off between
cost, power consumption and accuracy. DCR sensing
is becoming popular because it saves expensive current
sensing resistors and is more power efficient, especially
in high current applications. The LTC3883 can nominally
accountforthetemperaturedependencyoftheDCRsensing
element. The accuracy of the current reading and current
limit are typically limited by the accuracy of the DCR resis-
tor (accounted for in the IOUT_CAL_GAIN parameter of
the LTC3883). Thus current sensing resistors provide the
most accurate current sense and limiting for the applica-
tion. Other external component selection is driven by the
load requirement, and begins with the selection of RSENSE
(if RSENSE is used) and inductor value. Next, the power
MOSFETs are selected. Then the input and output capaci-
tors are selected. Finally the current limit is selected. All of
thesecomponentsandrangesarerequiredtobedetermined
priortocalculatingtheexternalcompensationcomponents.
The current limit range is required because the two ranges
(25mV to 50mV vs 37.5mV to 75mV) have different EA
gains set with bit 7 of the MFR_PWM_MODE_LTC3883
command. The voltage RANGE bit also modifies the loop
gain and impacts the compensation network set with bits
5, 6 of MFR_PWM_CONFIG_LTC3883. All other program-
mable parameters do not affect the loop gain, allowing
parameters to be modified without impact to the transient
response to load.
CURRENT LIMIT PROGRAMMING
The LTC3883 has two ranges of current limit programming
and a total of eight levels within each range. Refer to the
IOUT_OC_FAULT_LIMITsectionofthePMBuscommands.
Within each range the error amp gain is fixed, resulting in
constant loop gain. The LTC3883 will account for the DCR
oftheinductorandautomaticallyupdatethecurrentlimitas
the inductor temperature changes. The temperature coef-
ficientoftheDCRisstoredintheMFR_IOUT_TCcommand.
For the best current limit accuracy, use the 75mV setting.
The 25mV setting will allow for the use of very low DCR
inductors or sense resistors, but at the expense of cur-
rent limit accuracy. Keep in mind this operation is on a
cycle-by-cycle basis and is only a function of the peak
inductorcurrent.Theaverageinductorcurrentismonitored
by the ADC converter and can provide a warning if too
much average output current is detected. The overcurrent
fault is detected when the ITH voltage hits the maximum
value. The digital processor within the LTC3883 provides
the ability to either ignore the fault, shut down and latch off
or shut down and retry indefinitely (hiccup). Refer to the
overcurrentportionoftheOperationsectionformoredetail.
ISENSE+ AND ISENSE– PINS
The ISENSE+ and ISENSE– pins are the inputs to the current
comparator and the A/D. The common mode input voltage
range of the current comparators is 0V to 5.5V. Both the
SENSE pins are high impedance inputs with small base
currents typically less than 1µA. When the ISENSE pin volt-
agesarebetween0Vand1.4V,thesmallbasecurrentsflow
out of the SENSE pins. When the ISENSE pin voltages are
greater than 1.4V, the base currents flow into the ISENSE
pins. The high impedance inputs to the current compara-
tors allow accurate DCR sensing. Do not float these pins
during normal operation.
Filter components mutual to the ISENSE lines should be
placed close to the IC. The positive and negative traces
should be routed differentially and Kelvin connected to
the current sense element, see Figure 17. A non-Kelvin
connection elsewhere can add parasitic inductance and
capacitance to the current sense element, degrading
the information at the sense terminals and making the
programmed current limit unpredictable. In a PolyPhase
system,poorplacementofthesensingelementwillresultin
sub-optimalcurrentsharingbetweenpowerstages.IfDCR
sensing is used (Figure 18a), sense resistor R1 should be
placed close to the switching node to prevent noise from
coupling into sensitive small-signal nodes. The capacitor
Figure 17. Optimal Sense Line Placement
COUT
TO SENSE FILTER,
NEXT TO THE CONTROLLER
INDUCTOR OR RSENSE
3883 F17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com