Electronic Components Datasheet Search
  English  ▼

X  

LTC3884 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC3884
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3884 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC3884 Datasheet HTML 20Page - Analog Devices LTC3884 Datasheet HTML 21Page - Analog Devices LTC3884 Datasheet HTML 22Page - Analog Devices LTC3884 Datasheet HTML 23Page - Analog Devices LTC3884 Datasheet HTML 24Page - Analog Devices LTC3884 Datasheet HTML 25Page - Analog Devices LTC3884 Datasheet HTML 26Page - Analog Devices LTC3884 Datasheet HTML 27Page - Analog Devices LTC3884 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 116 page
background image
LTC3883/LTC3883-1
24
Rev. F
For more information www.analog.com
OPERATION
in parallel with the diode connected PNP. Two different cur-
rentsareappliedtothediode(nominally2µAand32µA)and
thetemperatureiscalculatedfromthe∆VBEmeasurement.
Theexternaltransistortemperatureisdigitizedbythetelem-
etry ADC, and the value is returned by the PMBus READ_
TEMPERATURE_1 command.
The READ_TEMPERATURE_2 command returns the
junction temperature of the LTC3883 using an on-chip
diode. The slope of the external temperature sensor can be
modified with the temperature slope coefficient stored in
MFR_TEMP_1_GAIN. Typical PNPs require temperature
slopeadjustmentsslightlylessthan 1.TheMMBT3906has
a recommended value in this command of approximately
MFR_TEMP_1_GAIN = 0.991 based on the ideality factor
of 1.01. Simply invert the ideality factor to calculate the
MFR_TEMP_1_GAIN. Different manufacturers and differ-
ent lots may have different ideality factors. Consult with
the manufacturer to set this value.
Theoffsetoftheexternaltemperaturesensecanbeadjusted
by MFR_TEMP_1_OFFSET. A value of 0 in this command
sets the temperature offset to –273.15°C.
If the PNP cannot be placed in direct contact with the
inductor, the slope or offset can be increased to account
for temperature mismatches. If the user is adjusting the
slope,theinterceptpointisatabsolutezero,–273.15°C,so
small adjustments in slope can change the apparent mea-
sured temperature significantly. Another way to artificially
increase the slope of the temperature term is to increase
the MFR_IOUT_CAL_GAIN_TC term. This will modify the
temperature slope with respect to room temperature.
If an external temperature sense element is not used, the
TSNS pin must be shorted to GND. The UT_FAULT_LIMIT
must be set to –275°C, and the UT_FAULT_RESPONSE
must be set to ignore. The user also needs to set the
IOUT_CAL_GAIN_TC to a value of 0.
RCONFIG (RESISTOR CONFIGURATION) PINS
The pins FREQ_CFG, VOUT_CFG and VTRIM_CFG can be
used to select important operating parameters without
programming the configuration EEPROM. Connecting
thesepinstoexternalresistordividersselectstheswitching
frequency, output voltage and basic power management
supervisor parameters. The ASEL pin is used to select the
unique device bus address. Connect this pin to an external
resistor divider to select the device address. Always use
a resistor divider to select the device address. Setting
the device address in EEPROM is allowed, but can create
problems if the device address is somehow lost by the
host. It is safe and prudent to use the ASEL pin to set the
device address. If RCONFIG pins are floated, the value
stored in the corresponding NVM command is used. If
bit 6 of the MFR_CONFIG_ALL_LTC3883 configuration
command is asserted in NVM, the resistor inputs are
ignored upon power-up except for ASEL which is always
respected. The resistor configuration pins are only mea-
sured during a power-up reset or after an MFR_RESET
command is executed.
TheVOUT_CFGandVTRIMpinsettingsaredescribedinTables
12 and 13. These pins select the output voltage for the
LTC3883’s analog PWM controller. If both pins are open,
the VOUT_COMMAND command is loaded from NVM to
determine the output voltage.
The following parameters are set as a percentage of the
output voltage if the RCONFIG pins are used to determined
output voltage:
n
VOUT_OV_FAULT_LIMIT.................................... +10%
n
VOUT_OV_WARN_LIMIT .................................. +7.5%
n
VOUT_MAX....................................................... +7.5%
n
VOUT_MARGIN_HIGH .........................................+5%
n
POWER_GOOD_ON .............................................–7%
n
POWER_GOOD_OFF............................................–8%
n
VOUT_MARGIN_LOW..........................................–5%
n
VOUT_UV_WARN_LIMIT ..................................–6.5%
n
VOUT_UV_FAULT_LIMIT......................................–7%
The FREQ_CFG pin settings are described in Table 14. This
pinselectstheswitchingfrequencyandphaserelationship
between the PWM channel and SYNC pin. To synchronize
toanexternalclock,thepartmustbeputintoexternalclock
Figure 4. Temperature Sense Circuit
TSNS
MMBT3906
LTC3883
10nF
GND
GND
3883 F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com