Electronic Components Datasheet Search
  English  ▼

X  

LTC3884 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC3884
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3884 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC3884 Datasheet HTML 38Page - Analog Devices LTC3884 Datasheet HTML 39Page - Analog Devices LTC3884 Datasheet HTML 40Page - Analog Devices LTC3884 Datasheet HTML 41Page - Analog Devices LTC3884 Datasheet HTML 42Page - Analog Devices LTC3884 Datasheet HTML 43Page - Analog Devices LTC3884 Datasheet HTML 44Page - Analog Devices LTC3884 Datasheet HTML 45Page - Analog Devices LTC3884 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 116 page
background image
LTC3883/LTC3883-1
42
Rev. F
For more information www.analog.com
APPLICATIONS INFORMATION
To ensure that the application will deliver full load current
over the full operating temperature range, be sure to pick
the optimum ILIMIT value accounting for errors in the DCR
versus the MFR_IOUT_CAL_GAIN parameter entered.
Next, determine the DCR of the inductor. Where provided,
use the manufacturer’s maximum value, usually given
at 20°C. Increase this value to account for errors in the
temperature sensing element of 3°C to 5°C and any
additional errors associated with the proximity of the
temperature sensor element to the inductor.
C1 is usually selected to be in the range of 0.047µF to
4.7µF. This forces (R1 + R3)||R2 to be approximately 2k.
Adding optional elements R3 and C2 shown in Figure 18a
will minimize offset errors associated with the ISNS leak-
age currents. Set R3 equal to the value of R1. Set C2 to a
value of 1µF or greater to ensure adequate noise filtering.
The equivalent resistance (R1 + R3)||R2 is scaled to the
room temperature inductance and maximum DCR:
R1+ R3
(
)||R2 =
2 • L
DCR at 20°C
(
) • C1
The sense resistor values are:
R1= R3; R1=
R1 R2
RD
; R2 =
R1• RD
1– RD
The maximum power loss in R1 is related to the duty
cycle, and will occur in continuous mode at the maximum
input voltage:
PLOSSR1=
VIN(MAX) – VOUT
(
) • VOUT
R1
Ensure that R1 has a power rating higher than this value.
If high efficiency is necessary at light loads, consider this
power loss when deciding whether to use DCR sensing or
sense resistors. Light load power loss can be modestly
higher with a DCR network than with a sense resistor
due to the extra switching losses incurred through R1.
However, DCR sensing eliminates a sense resistor, reduc-
ing conduction losses and provides higher efficiency at
heavy loads. Peak efficiency is about the same with either
method. Selecting Burst Mode operation or discontinuous
mode will improve the converter efficiency at light loads
regardless of the current sensing method.
To maintain a good signal-to-noise ratio for the current
sense signal, use a minimum ∆VSENSE of 10mV to 15mV.
For a DCR sensing application, the actual ripple voltage
will be determined by the equation:
∆VSENSE =
VIN – VOUT
R1• C1
•
VOUT
VIN • fOSC
SLOPE COMPENSATION AND INDUCTOR PEAK
CURRENT
Slope compensation provides stability in constant
frequency current mode architectures by preventing
sub-harmonic oscillations at high duty cycles. This is
accomplished internally by adding a compensation ramp
to the inductor current signal at duty cycles in excess of
35%.TheLTC3883usesapatentedcurrentlimittechnique
that counteracts the compensating ramp. This allows the
maximum inductor peak current to remain unaffected
throughout all duty cycles.
INDUCTOR VALUE CALCULATION
Given the desired input and output voltages, the inductor
value and operating frequency, fOSC, directly determine
the inductor peak-to-peak ripple current:
IRIPPLE =
VOUT VIN – VOUT
(
)
VIN • fOSC • L
Lower ripple current reduces core losses in the inductor,
ESR losses in the output capacitors, and output voltage
ripple. Thus, highest efficiency operation is obtained at the
lowest frequency with a small ripple current. Achieving
this, however, requires a large inductor.
A reasonable starting point is to choose a ripple current
that is about 40% of IOUT(MAX). Note that the largest ripple
current occurs at the highest input voltage. To guarantee
that the ripple current does not exceed a specified maxi-
mum, the inductor should be chosen according to:
L ≥
VOUT VIN – VOUT
(
)
VIN • fOSC •IRIPPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com