Electronic Components Datasheet Search
  English  ▼

X  

LTC3884 Datasheet(PDF) 80 Page - Analog Devices

Part # LTC3884
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3884 Datasheet(HTML) 80 Page - Analog Devices

Back Button LTC3884 Datasheet HTML 76Page - Analog Devices LTC3884 Datasheet HTML 77Page - Analog Devices LTC3884 Datasheet HTML 78Page - Analog Devices LTC3884 Datasheet HTML 79Page - Analog Devices LTC3884 Datasheet HTML 80Page - Analog Devices LTC3884 Datasheet HTML 81Page - Analog Devices LTC3884 Datasheet HTML 82Page - Analog Devices LTC3884 Datasheet HTML 83Page - Analog Devices LTC3884 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 116 page
background image
LTC3883/LTC3883-1
80
Rev. F
For more information www.analog.com
PMBus COMMAND DETAILS
The IOUT_OC_FAULT_LIMIT is ignored during TON_RISE and TOFF_FALL.
This command has two data bytes and is formatted in Linear_5s_11s format.
Input Current Calibration
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
DATA FORMAT
UNITS
NVM
DEFAULT VALUE
MFR_IIN_CAL_GAIN
0xE8
The resistance value of the input current
sense element in mΩ.
R/W Word
L11
mΩ
Y
5.000 0xCA80
MFR_IIN_CAL_GAIN
The IOUT_CAL_GAIN command is used to set the resistance value of the input current sense resistor in milliohms.
(see also READ_IIN).
This command has two data bytes and is formatted in Linear_5s_11s format.
Input Current
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
DATA FORMAT
UNITS
NVM
DEFAULT VALUE
IIN_OC_WARN_LIMIT
0x5D
Input overcurrent warning limit.
R/W Word
L11
A
Y
10.0 0xD280
IIN_OC_WARN_LIMIT
The IIN_OC_WARN_LIMIT command sets the value of the input current, in amperes, that causes a warning indicating
the input current is high. The READ_IIN value will be used to determine if this limit has been exceeded.
In response to the IIN_OC_WARN_LIMIT being exceeded, the device:
• Sets the OTHER bit in the STATUS_BYTE
• Sets the INPUT bit in the upper byte of the STATUS_WORD
• Sets the IIN Overcurrent Warning bit in the STATUS_INPUT command, and
• Notifies the host by asserting ALERT pin
This condition is detected by the ADC so the response time may be up to 80ms.
This command has two data bytes and is formatted in Linear_5s_11s format.
TEMPERATURE
External Temperature Calibration
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
DATA FORMAT UNITS NVM
DEFAULT VALUE
MFR_TEMP_1_GAIN
0xF8
Sets the slope of the external temperature
sensor.
R/W Word
CF
Y
1.0
0x4000
MFR_TEMP_1_OFFSET
0xF9
Sets the offset of the external temperature
sensor with respect to –273.1°C.
R/W Word
L11
C
Y
0.0
0x8000
MFR_TEMP_1_GAIN
The MFR_TEMP_1_GAIN command will modify the slope of the external temperature sensor to account for non-idealities
in the element and errors associated with the remote sensing of the temperature in the inductor.
This command has two data bytes and is formatted in 16-bit 2’s complement integer. N = 8192 to 32767. The effective
adjustment is N • 2–14. The nominal value is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com