Electronic Components Datasheet Search
  English  ▼

X  

LTC3374 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC3374
Description  Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3374 Datasheet(HTML) 4 Page - Analog Devices

  LTC3374 Datasheet HTML 1Page - Analog Devices LTC3374 Datasheet HTML 2Page - Analog Devices LTC3374 Datasheet HTML 3Page - Analog Devices LTC3374 Datasheet HTML 4Page - Analog Devices LTC3374 Datasheet HTML 5Page - Analog Devices LTC3374 Datasheet HTML 6Page - Analog Devices LTC3374 Datasheet HTML 7Page - Analog Devices LTC3374 Datasheet HTML 8Page - Analog Devices LTC3374 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC3315B
4
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, VIN = 3.3V, unless otherwise noted.
VFB vs Temperature
PMOS RDS(ON) vs Temperature
NMOS RDS(ON) vs Temperature
NMOS, PMOS Leakage vs
Temperature
Oscillator Frequency vs
Temperature
Oscillator Frequency vs VIN
characterization, and correlation with statistical process controls. The
LTC3315BI is guaranteed over the –40°C to 125°C operating junction
temperature range, the LTC3315BJ and the LTC3315BH are guaranteed
over the –40°C to 150°C operating junction temperature range, and the
LTC3315BMP is guaranteed over the –55°C to 150°C operating junction
temperature range. High junction temperatures degrade operating
lifetimes; operating lifetime is derated for junction temperatures greater
than 125°C. Note that the maximum ambient temperature consistent
with these specifications is determined by specific operating conditions
in conjunction with board layout, the rated package thermal impedance,
and other environmental factors. The junction temperature (TJ in °C) is
calculated from ambient temperature (TA in °C) and power dissipation (PD
in Watts) according to the formula:
TJ = TA + (PD • θJA)
where θJA (in °C/W) is the package thermal impedance. See High
Temperature Considerations section for more details.
Note 3: The LTC3315B includes overtemperature protection which
protects the device during momentary overload conditions. Junction
temperatures will exceed 150°C when overtemperature protection is
active. Continuous operation above the specified maximum operating
junction temperature may impair device reliability.
Note 4: Static current, switches not switching. Actual current will be
higher due to gate charge losses at the switching frequency.
Note 5: Overtemperature shutdown is not tested in production.
Note 6: The soft-start time is the time from the start of switching until the
FB pin reaches 475mV.
ELECTRICAL CHARACTERISTICS
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
490
492
494
496
498
500
502
504
506
508
510
3315B G01
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
25
50
75
100
125
150
3315B G02
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
5
10
15
20
25
30
35
40
45
50
3315B G03
NMOS, VIN = 5.5V, SW = 5.5V
NMOS, VIN = 3.3V, SW = 3.3V
PMOS, VIN = 5.5V, SW = 0V
PMOS, VIN = 3.3V, SW = 0V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3315B G04
5.5V
3.3V
2.25V
TEMPERATURE (C)
–50 –25
0
25
50
75 100 125 150
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
Temperature
Oscillator Frequency vs
3315B G05
VIN (V)
2
2.5
3
3.5
4
4.5
5
5.5
5.4
5.6
5.8
6.0
6.2
6.4
6.6
Oscillator Frequency vs VIN
3315B G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com