Electronic Components Datasheet Search
  English  ▼

X  

LTC3374 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC3374
Description  Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3374 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC3374 Datasheet HTML 3Page - Analog Devices LTC3374 Datasheet HTML 4Page - Analog Devices LTC3374 Datasheet HTML 5Page - Analog Devices LTC3374 Datasheet HTML 6Page - Analog Devices LTC3374 Datasheet HTML 7Page - Analog Devices LTC3374 Datasheet HTML 8Page - Analog Devices LTC3374 Datasheet HTML 9Page - Analog Devices LTC3374 Datasheet HTML 10Page - Analog Devices LTC3374 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC3315B
7
Rev. 0
For more information www.analog.com
Load Transient Response,
Pulse Skip Mode
Startup Transient,
Burst Mode
Startup Transient,
Pulse Skip Mode
Startup Transient,
Forced Continuous Mode
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, VIN = 3.3V, unless otherwise noted.
Load Transient Response, FC Mode
Load Transient Response,
Burst Mode
Pulse Skip Mode
Load Transient Response,
3.3VIN TO 1.8VOUT, 6MHz Typical Application
COUT = 10µF, L = 330nH
LOAD STEP: 0.1A TO 1.5A IN 5A/1uS
8µs/DIV
VOUT
100mV/DIV
ILOAD
1A/DIV
IL
1A/DIV
3315B G23
Load Transient Response, FC Mode
3.3VIN TO 1.8VOUT, 6MHz Typical Application
COUT = 10µF, L = 330nH
LOAD STEP: 0.1A TO 1.5A IN 5A/1uS
8µs/DIV
VOUT
100mV/DIV
ILOAD
1A/DIV
IL
1A/DIV
3315B G24
Burst Mode
Load Transient Response,
3.3VIN TO 1.8VOUT, 6MHz Typical Application
COUT = 10µF, L = 330nH
LOAD STEP: 0.1A TO 1.5A IN 5A/1uS
8µs/DIV
VOUT
100mV/DIV
ILOAD
1A/DIV
IL
1A/DIV
3315B G25
Pulse Skip Mode Mode
Startup Transient,
REFER TO BUCK1 IN TYPICAL APPLICATION
DUAL 1.8 AND 2V 6MHz, 2A BUCK
REGULATORS, VIN = 3.3V
200µs/DIV
EN
2V/DIV
VOUT
1V/DIV
PGOOD
5V/DIV
IL
500mA/DIV
3315B G26
Forced Continuous Mode
Startup Transient,
REFER TO BUCK1 IN TYPICAL APPLICATION
DUAL 1.8 AND 2V 6MHz, 2A BUCK
REGULATORS, VIN = 3.3V
200µs/DIV
EN
2V/DIV
VOUT
1V/DIV
PGOOD
5V/DIV
IL
500mA/DIV
3315B G27
Burst Mode
Startup Transient,
REFER TO BUCK1 IN TYPICAL APPLICATION
DUAL 1.8 AND 2V 6MHz, 2A BUCK
REGULATORS, VIN = 3.3V
200µs/DIV
EN
2V/DIV
VOUT
1V/DIV
PGOOD
5V/DIV
IL
500mA/DIV
3315B G28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com