Electronic Components Datasheet Search
  English  ▼

X  

LTC3374 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC3374
Description  Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3374 Datasheet(HTML) 1 Page - Analog Devices

  LTC3374 Datasheet HTML 1Page - Analog Devices LTC3374 Datasheet HTML 2Page - Analog Devices LTC3374 Datasheet HTML 3Page - Analog Devices LTC3374 Datasheet HTML 4Page - Analog Devices LTC3374 Datasheet HTML 5Page - Analog Devices LTC3374 Datasheet HTML 6Page - Analog Devices LTC3374 Datasheet HTML 7Page - Analog Devices LTC3374 Datasheet HTML 8Page - Analog Devices LTC3374 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC3315B
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual 5V, 2A Synchronous Step-Down
DC/DCs in 2mm
× 2mm LQFN
The LTC®3315B features dual 2A monolithic synchro-
nous step-down converters operating from a 2.25V to
5.5V input supply in one package for space-constrained
applications with demanding performance requirements.
Using constant frequency, peak current mode control at
switching frequencies up to 10MHz with a minimum on-
time as low as 25ns, both bucks achieve high efficiency
and fast transient response in a very small application
footprint.
The LTC3315B operates in forced continuous or pulse
skip mode for low noise or in Burst Mode® operation for
high efficiency at light loads. The common buck switching
frequency is 6MHz and can be synchronized to an external
oscillator via the MODE/SYNC pin.
The LTC3315B can regulate outputs as low as 500mV.
Other features include precision enable thresholds, a
PGOOD signal, output overvoltage protection, thermal
shutdown, output short-circuit protection, and up to 100%
duty cycle operation for low dropout. The LTC3315B is
available in a compact 2mm × 2mm LQFN package.
Efficiency vs Load Current
Dual 6MHz 2A Buck Regulators
APPLICATIONS
n
Dual Outputs Each with 2A Output Current
n
High Efficiency: 19mΩ NMOS and 75mΩ PMOS
n
Wide Bandwidth, Fast Transient Response
n
Switching Frequency Synchronizable Up to 10MHz
n
VIN Range: 2.25V to 5.5V
n
VOUT Range: 0.5V to VIN
n
VOUT Accuracy: ±1%
n
Low Ripple Burst Mode® Operation
n
Peak Current Mode Control
n
Minimum On-Time: 25ns
n
Safely Tolerates Inductor Saturation in Overload
n
Shutdown Current: 1.2µA
n
Precision 400mV Enable Thresholds
n
Internal Soft-Start and Compensation
n
Power Good Output
n
Low Profile, Thermally Enhanced 12-Lead
2mm × 2mm × 0.74mm LQFN Package
n
AEC-Q100 Qualified for Automotive Applications
n
Servers, Telecom Supplies, Optical Networking
n
Distributed DC Power Systems (POL)
n
FPGA, ASIC, µP Core Supplies
n
Industrial/Automotive/Communications
All registered trademarks and trademarks are the property of their respective owners.
330nH
10µF
86.6k
33.2k
3.3pF
10µF
330nH
100k
33.2k
10µF
10µF
3.3pF
VIN
SW1
FB1
SW2
FB2
PGOOD
3315B TA01a
EN2
MODE/SYNC
GND
EN1
VIN
LTC3315B
VIN
3.3V
VOUT1
1.8V, 2A
VOUT2
2.0V, 2A
fSW = 6MHz
1µF
0201
1µF
0201
Burst Mode OPERATION
VIN = 3.3V, VOUT = 1.8V
L = 330nH, L DCR = 21mΩ
fSW = 6MHz
EFFICIENCY
POWER LOSS
LOAD CURRENT (A)
1m
10m
100m
1 2
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Efficiency vs Load Current
3315B G01


Similar Part No. - LTC3374

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3374 LINER-LTC3374 Datasheet
345Kb / 24P
8-Channel Parallelable 1A Buck DC/DCs
LTC3374 LINER-LTC3374 Datasheet
5Mb / 44P
60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
logo
Analog Devices
LTC3374 AD-LTC3374 Datasheet
1Mb / 24P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
11/19-REV.A
LTC3374 AD-LTC3374 Datasheet
1Mb / 28P
20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
logo
Linear Technology
LTC3374A LINER-LTC3374A Datasheet
1Mb / 24P
High Accuracy 8-Channel Parallelable 1A Buck DC/DCs
More results

Similar Description - LTC3374

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3502 LINER-LT3502 Datasheet
386Kb / 24P
1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
logo
Maxim Integrated Produc...
MAX8884Y MAXIM-MAX8884Y Datasheet
617Kb / 15P
700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 0; 4/09
MAX8884Y MAXIM-MAX8884Y_10 Datasheet
525Kb / 17P
700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 1; 1/10
logo
Linear Technology
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
logo
Analog Devices
LTC3307A AD-LTC3307A Datasheet
3Mb / 26P
5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
11/19-REV.A
LTC3315A AD-LTC3315A Datasheet
1Mb / 24P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
11/19-REV.A
LTC3302 AD-LTC3302 Datasheet
2Mb / 20P
5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com