Electronic Components Datasheet Search
  English  ▼

X  

LTC3374 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC3374
Description  Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3374 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC3374 Datasheet HTML 14Page - Analog Devices LTC3374 Datasheet HTML 15Page - Analog Devices LTC3374 Datasheet HTML 16Page - Analog Devices LTC3374 Datasheet HTML 17Page - Analog Devices LTC3374 Datasheet HTML 18Page - Analog Devices LTC3374 Datasheet HTML 19Page - Analog Devices LTC3374 Datasheet HTML 20Page - Analog Devices LTC3374 Datasheet HTML 21Page - Analog Devices LTC3374 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
LTC3315B
20
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Dual 2.5V and 2.8V 10MHz, 2A Buck Regulators, VIN = 5.0V
Dual 1.2V and 0.8V 3MHz, 2A Buck Regulators, VIN = 3.3V
150nH
4.7µF
80.6k
20k
2.2pF
4.7µF
150nH
93.1k
20k
4.7µF
4.7µF
2.2pF
1M
VIN
SW1
FB1
SW2
FB2
PGOOD
EN2
MODE/SYNC
GND
EN1
VIN
LTC3315B
VIN
5.0V
VIN
VOUT1
2.5V, 2A
VOUT2
2.8V, 2A
fSW = 10MHz
1µF
0201
3315B TA06
10MHz
1µF
0201
470nH
22µF
140k
100k
4.7pF
330nH
60.4k
100k
22µF
6.8pF
1M
VIN
SW1
FB1
SW2
FB2
PGOOD
EN2
MODE/SYNC
GND
EN1
VIN
LTC3315B
VIN
VOUT1
1.2V, 2A
VOUT2
0.8V, 2A
fSW = 3MHz
3315B TA05
3MHz
4.7µF
4.7µF
VIN
3.3V
1µF
0201
1µF
0201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com