Electronic Components Datasheet Search
  English  ▼

X  

VT6307S Datasheet(PDF) 24 Page - VIA Technologies, Inc.

Part # VT6307S
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307S Datasheet(HTML) 24 Page - VIA Technologies, Inc.

Back Button VT6307S Datasheet HTML 20Page - VIA Technologies, Inc. VT6307S Datasheet HTML 21Page - VIA Technologies, Inc. VT6307S Datasheet HTML 22Page - VIA Technologies, Inc. VT6307S Datasheet HTML 23Page - VIA Technologies, Inc. VT6307S Datasheet HTML 24Page - VIA Technologies, Inc. VT6307S Datasheet HTML 25Page - VIA Technologies, Inc. VT6307S Datasheet HTML 26Page - VIA Technologies, Inc. VT6307S Datasheet HTML 27Page - VIA Technologies, Inc. VT6307S Datasheet HTML 28Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-18-
Register Overview
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
PHY Registers
Table 5. PHY Register Map
Offset
7
6
5
4
3
2
1
0
0000b
PS
R
Physical ID
0001b
Gap Count
IBR
RHB
0010b
Total Ports
-
always 111b
0011b
Delay
-
Max Speed
0100b
Power Class
Jitter
Cont
LC
0101b Multi Accel
PE
Tout
PF
Loop ISBR
WT
0110b
-reserved-
0111b
Port Select
-
Page Select
1000b
Register 0 (Page Select)
1001b
Register 1 (Page Select)
1010b
Register 2 (Page Select)
1011b
Register 3 (Page Select)
1100b
Register 4 (Page Select)
1101b
Register 5 (Page Select)
1110b
Register 6 (Page Select)
1111b
Register 7 (Page Select)
Physical ID = Address of This Node
R = Root Node
PS = Cable Power Status
RHB = Root Hold-Off
IBR = Initiate Bus Reset
Gap Count = For Gap Time Optimization
Total Ports = 2
Max Speed = Supports 98.304, 196.608, & 393.216 Mbit/s
Delay = Worst Case Repeater Delay
LC = Link Control
Cont = Contender
Jitter = Repeater Delay Variation
WT = Watchdog Timer Enable
ISBR = Initiate Short (Arbitrated) Bus Reset
Loop = Loop Detect
PF = Cable Power Fail Detect
Tout = Arbitration State Machine Timeout
PE = Port Event Detect
Accel = Arbitration Acceleration Enable
Multi = Multispeed Packet Concatenation Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com