Electronic Components Datasheet Search
  English  ▼

X  

VT6307S Datasheet(PDF) 46 Page - VIA Technologies, Inc.

Part # VT6307S
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307S Datasheet(HTML) 46 Page - VIA Technologies, Inc.

Back Button VT6307S Datasheet HTML 42Page - VIA Technologies, Inc. VT6307S Datasheet HTML 43Page - VIA Technologies, Inc. VT6307S Datasheet HTML 44Page - VIA Technologies, Inc. VT6307S Datasheet HTML 45Page - VIA Technologies, Inc. VT6307S Datasheet HTML 46Page - VIA Technologies, Inc. VT6307S Datasheet HTML 47Page - VIA Technologies, Inc. VT6307S Datasheet HTML 48Page - VIA Technologies, Inc. VT6307S Datasheet HTML 49Page - VIA Technologies, Inc. VT6307S Datasheet HTML 50Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-40-
Functional Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
FUNCTIONAL DESCRIPTIONS
PHY General Description
Cable Interface
The VT6307 provides a three-port physical layer function in a cable IEEE 1394-1995 or 1394a-2000 network. Each cable port
incorporates two differential line transceivers. The transceivers include circuitry to monitor the line conditions as needed for
determining connection status, for initialization and arbitration, and for half duplex packet reception and transmission.
Data bits to be transmitted through the cable ports are latched internally in the VT6307 in synchronization with the 49.152-MHz
system clock. During transmission the encoded data is transmitted differentially on the TPB cable pair(s) and the encoded strobe
information is transmitted differentially on the TPA cable pair(s).
During packet reception, the TPA and TPB transmitters of the receiving cable port are disabled, and the receivers for that port are
enabled. The encoded data information is received on the TPA cable pair, and the encoded Strobe information is received on the
TPB cable pair. The received data-strobe information is resynchronized to local PLL clocks and the retiming buffer can tolerate
clock variation up to +/-100ppm with 4K bytes at 393.216 Mbps, 2K bytes at 196.608 Mbps, and 1K bytes at 98.304 Mbps.
Both the TPA and TPB cable interfaces (see figure below) incorporate differential comparators to monitor the line states during
initialization and arbitration. The outputs of these comparators are used by internal logic to determine the arbitration status. The
TPA channel generates the cable common-mode voltage. The value of this common mode voltage is used during arbitration to
detect the speed of the next packet transmission by the peer PHY. In addition, VT6307 adds a current source and a connection
detect circuit at TPA channel. When TPBIAS is driven low, the connection detect circuit is used to detect the presence or absence
of a peer PHY at the other end of a cable connection. The TPB channel monitors the incoming cable common-mode voltage for
the presence of the remotely supplied twisted-pair bias voltage. The presence or absence of this common-mode voltage is used as
an indication of cable suspend, resume and active status.
Figure 6. Cable Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com