Electronic Components Datasheet Search
  English  ▼

X  

VT6307S Datasheet(PDF) 34 Page - VIA Technologies, Inc.

Part # VT6307S
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307S Datasheet(HTML) 34 Page - VIA Technologies, Inc.

Back Button VT6307S Datasheet HTML 30Page - VIA Technologies, Inc. VT6307S Datasheet HTML 31Page - VIA Technologies, Inc. VT6307S Datasheet HTML 32Page - VIA Technologies, Inc. VT6307S Datasheet HTML 33Page - VIA Technologies, Inc. VT6307S Datasheet HTML 34Page - VIA Technologies, Inc. VT6307S Datasheet HTML 35Page - VIA Technologies, Inc. VT6307S Datasheet HTML 36Page - VIA Technologies, Inc. VT6307S Datasheet HTML 37Page - VIA Technologies, Inc. VT6307S Datasheet HTML 38Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-28-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Offset 90 (Set), 94 (Clear) – Iso Xmit Interrupt Events RW
31-8 Reserved
........................................ always reads 0
7-0
Isochronous Transmit Context . default = undefined
An interrupt is generated by an isochronous transmit
context
if
an
“Output
Last
DMA”
command
completes and its “i” bits are set to “interrupt always”.
Software clears the bits in this register by writing one
bits to the “Clear” address. Bits in this register will
only get set to one if the corresponding bits in the
mask register are set to one.
Offset 98 (Set), 9C (Clear) – Iso Xmit Interrupt Mask . RW
31-8 Reserved
........................................ always reads 0
7-0
Iso Transmit Context Mask....... default = undefined
Setting bits in this register enables interrupts to be
generated by the corresponding isochronous transmit
context
Offset A0 (Set), A4 (Clear) – Iso Rcv Interrupt Events RW
31-4 Reserved
........................................ always reads 0
3-0
Isochronous Receive Context ... default = undefined
An interrupt is generated by an isochronous receive
context if an “Input Last DMA” command completes
and its “i” bits are set to “interrupt always”. Software
clears the bits in this register by writing one bits to
the “Clear” address. Bits in this register will only get
set to one if the corresponding bits in the mask
register are set to one.
Offset A8 (Set), AC (Clear) – Iso Rcv Interrupt Mask.. RW
31-4 Reserved
........................................ always reads 0
3-0
Iso Receive Context Mask.......... default = undefined
Setting bits in this register enables interrupts to be
generated by the corresponding isochronous receive
context
Offset B3-B0 – Initial Bandwidth Available ................... RW
31-13 Reserved
........................................always reads 0
12-0 Initial Bandwidth Available.............default = 1333h
Offset B7-B4 – Initial Channels Available High............. RW
31-0 Initial Channels Available..... default = FFFF FFFFh
Offset BB-B8 – Initial Channels Available Low............. RW
31-0 Initial Channels Available..... default = FFFF FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com