Electronic Components Datasheet Search
  English  ▼

X  

VT6307S Datasheet(PDF) 41 Page - VIA Technologies, Inc.

Part # VT6307S
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307S Datasheet(HTML) 41 Page - VIA Technologies, Inc.

Back Button VT6307S Datasheet HTML 37Page - VIA Technologies, Inc. VT6307S Datasheet HTML 38Page - VIA Technologies, Inc. VT6307S Datasheet HTML 39Page - VIA Technologies, Inc. VT6307S Datasheet HTML 40Page - VIA Technologies, Inc. VT6307S Datasheet HTML 41Page - VIA Technologies, Inc. VT6307S Datasheet HTML 42Page - VIA Technologies, Inc. VT6307S Datasheet HTML 43Page - VIA Technologies, Inc. VT6307S Datasheet HTML 44Page - VIA Technologies, Inc. VT6307S Datasheet HTML 45Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-35-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Isochronous Receive Context Registers
Offset 400 (Set), 404 (Clr) – Isoch Rcv Context 0 .......... RW
Offset 420 (Set), 424 (Clr) – Isoch Rcv Context 1 .......... RW
Offset 440 (Set), 444 (Clr) – Isoch Rcv Context 2 .......... RW
Offset 460 (Set), 464 (Clr) – Isoch Rcv Context 3 .......... RW
These
registers
are
the
Context
Control registers for
isochronous Receive Contexts 0-3. Each context consists of
three registers:
a Command Pointer, a Context Control
register, and a Context Match register. The Command Pointer
is used by software to tell the controller where the context
program begins.
The Context Control register controls the
context’s behavior and indicates current status. The Context
Match Register is used to start transmitting from a context
program on a specified cycle number. The bit layout for the
Context Control registers is given below:
31
Buffer Fill
0
Each received packet is placed in a single
buffer
1
Received packets are placed back-to-back to
completely fill each receive buffer
If the “Multi-Channel Mode” bit is set, this bit must
also be set. This bit must not be changed while the
“Active” bit is set.
30
Isoch Header
0
The packet header is stripped from received
isochronous packets
1
Received packets will include the isochronous
packet header (the header will be stored first in
memory followed by the payload). The end of
the packet will be marked with a “Transfer
Status” (bits 15-0 of this register) in the first
word
followed
by a
16-bit
time
stamp
indicating the time of the most recently
received “Cycle Start” packet.
29
Cycle Match Enable
0
Context will begin running immediately
1
Context will begin running only when the 13-
bit “Cycle Match” field in the “Context
Match” register matches the 13-bit “Cycle
Count” in the Cycle Start packet.
The effects of this bit are impacted by the values of
other bits in this register. Once the context becomes
active, this bit is cleared automatically by the chip.
28
Multi-Channel Mode
0
The context will receive packets for a single
channel.
1
The context will receive packets for all
isochronous channels enabled in the “IR
Channel Mask High” and “IR Channel Mask
Low” registers (the channel number in the
“Context Match” register is ignored). If more
than one Context Control register has the
Multi-Channel
Mode
bit
set,
unspecified
behavior will result.
27-16 Reserved
........................................always reads 0
15
Run
This bit is set and cleared by software to enable
descriptor processing for a context.
The chip will
clear this bit automatically on a hardware or software
reset. Before software sets this bit, the active bit must
be clear and the Command Pointer register for the
context must contain a valid descriptor block address
and a Z value that is appropriate for the descriptor
block address.
Software may stop the chip from further processing of
a context by clearing this bit. When cleared, the chip
will stop processing of the context in a manner that
will not impact the operation of any other context or
DMA controller.
This may require a significant
amount of time. If software clears the run bit while
the chip is processing a packet for the context, it will
continue to receive or transmit the packet and update
descriptor status. It will then stop at the conclusion
of that packet.
Clearing the bit may have other side effects that are
DMA controller dependent. This is described in the
sections that cover each of the DMA controllers.
14-13 Reserved
........................................always reads 0
12
Wake
..............................................default = 0
When software adds to a list of descriptors for a
context, the chip may have already read the descriptor
that was at the end of the list before it was updated.
This bit provides a semaphore to indicate that the list
may have changed.
If the chip had fetched a descriptor and the indicated
branch address had a Z value of zero, it will reread
the pointer value when the wake bit is set. If, on the
reread, the Z value is still zero, then the end of the list
has been reached and the chip will clear the active bit.
If, however, the Z value is now non-zero, the chip
will continue processing. If the wake bit is set while
the chip is active and has a Z value of non-zero, it
takes no special action.
The chip will clear this bit before it reads or rereads a
descriptor. The wake bit should not be set while the
run bit is zero.
11
Dead
..............................................default = 0
This bit is set by the chip to indicate a fatal error in
processing a descriptor. When set, the active bit is
cleared. This bit is cleared when software clears the
run bit or on a hardware or software reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com