Electronic Components Datasheet Search
  English  ▼

X  

LSM6DSR Datasheet(PDF) 102 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 102 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 98Page - STMicroelectronics LSM6DSR Datasheet HTML 99Page - STMicroelectronics LSM6DSR Datasheet HTML 100Page - STMicroelectronics LSM6DSR Datasheet HTML 101Page - STMicroelectronics LSM6DSR Datasheet HTML 102Page - STMicroelectronics LSM6DSR Datasheet HTML 103Page - STMicroelectronics LSM6DSR Datasheet HTML 104Page - STMicroelectronics LSM6DSR Datasheet HTML 105Page - STMicroelectronics LSM6DSR Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 168 page
background image
11.15
FSM_STATUS_B (14h)
Finite State Machine status register (r)
Table 206. FSM_STATUS_B register
IS_FSM16
IS_FSM15
IS_FSM14
IS_FSM13
IS_FSM12
IS_FSM11
IS_FSM10
IS_FSM9
Table 207. FSM_STATUS_B register description
IS_FSM16
Interrupt status bit for FSM16 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_FSM15
Interrupt status bit for FSM15 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_FSM14
Interrupt status bit for FSM14 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_FSM13
Interrupt status bit for FSM13 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_FSM12
Interrupt status bit for FSM12 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_FSM11
Interrupt status bit for FSM11 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_FSM10
Interrupt status bit for FSM10 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_FSM9
Interrupt status bit for FSM9 interrupt event. (1: interrupt detected; 0: no interrupt)
LSM6DSR
FSM_STATUS_B (14h)
DS11976 - Rev 2
page 102/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com