Electronic Components Datasheet Search
  English  ▼

X  

LSM6DSRTR Datasheet(PDF) 85 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 85 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 81Page - STMicroelectronics LSM6DSRTR Datasheet HTML 82Page - STMicroelectronics LSM6DSRTR Datasheet HTML 83Page - STMicroelectronics LSM6DSRTR Datasheet HTML 84Page - STMicroelectronics LSM6DSRTR Datasheet HTML 85Page - STMicroelectronics LSM6DSRTR Datasheet HTML 86Page - STMicroelectronics LSM6DSRTR Datasheet HTML 87Page - STMicroelectronics LSM6DSRTR Datasheet HTML 88Page - STMicroelectronics LSM6DSRTR Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 168 page
background image
9.60
CTRL2_OIS (71h)
OIS configuration register. Primary interface for read-only (r); only Aux SPI can write to this register (r/w).
Table 156. CTRL2_OIS register
-
-
HPM1_OIS
HPM0_OIS
0(1)
FTYPE_1_OIS
FTYPE_0_OIS
HP_EN_OIS
1. This bit must be set to '0' for the correct operation of the device.
Table 157. CTRL2_OIS register description
HPM[1:0]_OIS
Selects gyroscope OIS chain digital high-pass filter cutoff. Default value: 00
(00: 16 mHz;
01: 65 mHz;
10: 260 mHz;
11: 1.04 Hz)
FTYPE_[1:0]_OIS
Selects gyroscope digital LPF1 filter bandwidth. Table 158 shows cutoff and phase values obtained with all
configurations.
HP_EN_OIS
Enables gyroscope OIS chain digital high-pass filter.
Table 158. Gyroscope OIS chain digital LPF1 filter bandwidth selection
ODR [Hz]
LPF1
FTYPE_[1:0]_OIS
Total BW [Hz]
(phase delay @20 Hz)
6.66 kHz
00
297 Hz (7°)
01
222 Hz (9°)
10
154 Hz (12°)
11
470 Hz (5°)
LSM6DSR
CTRL2_OIS (71h)
DS11976 - Rev 2
page 85/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com