Electronic Components Datasheet Search
  English  ▼

X  

OPA145IDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA145IDBVT
Description  OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA145IDBVT Datasheet(HTML) 3 Page - Texas Instruments

  OPA145IDBVT Datasheet HTML 1Page - Texas Instruments OPA145IDBVT Datasheet HTML 2Page - Texas Instruments OPA145IDBVT Datasheet HTML 3Page - Texas Instruments OPA145IDBVT Datasheet HTML 4Page - Texas Instruments OPA145IDBVT Datasheet HTML 5Page - Texas Instruments OPA145IDBVT Datasheet HTML 6Page - Texas Instruments OPA145IDBVT Datasheet HTML 7Page - Texas Instruments OPA145IDBVT Datasheet HTML 8Page - Texas Instruments OPA145IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
5 Pin Configuration and Functions
+
±
1
NC
8
NC
2
±IN
7
V+
3
+IN
6
OUT
4
V±
5
NC
Not to scale
Figure 5-1. OPA145: D (8-Pin SOIC) and DGK (8-Pin
VSSOP) Packages, Top View
1
OUT
2
V±
3
+IN
4
±IN
5
V+
Not to scale
Figure 5-2. OPA145: DBV (5-Pin SOT-23) Package,
Top View
Table 5-1. Pin Functions: OPA145
PIN
I/O
DESCRIPTION
NAME
OPA145
D (SOIC),
DGK (VSSOP)
DBV (SOT-23)
–IN
2
4
I
Inverting input
+IN
3
3
I
Noninverting input
NC
1, 5, 8
—
—
No internal connection (can be left floating)
OUT
6
1
O
Output
V–
4
2
—
Negative (lowest) power supply
V+
7
5
—
Positive (highest) power supply
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
V±
5
+IN B
Not to scale
Figure 5-3. OPA2145: D (PREVIEW 8-Pin SOIC) and DGK (PREVIEW 8-Pin VSSOP) Packages, Top View
Table 5-2. Pin Functions: OPA2145
PIN
I/O
DESCRIPTION
NAME
OPA2145
D (SOIC),
DGK (VSSOP)
–IN A
2
I
Inverting input channel A
+IN A
3
I
Noninverting input channel A
–IN B
6
I
Inverting input channel B
+IN B
5
I
Noninverting input channel B
OUT A
1
O
Output channel A
OUT B
7
O
Output channel B
V–
4
—
Negative supply
V+
8
—
Positive supply
www.ti.com
OPA145,, OPA2145
SBOS427E – JUNE 2017 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA145, OPA2145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com