Electronic Components Datasheet Search
  English  ▼

X  

OPA145IDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA145IDBVT
Description  OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA145IDBVT Datasheet(HTML) 2 Page - Texas Instruments

  OPA145IDBVT Datasheet HTML 1Page - Texas Instruments OPA145IDBVT Datasheet HTML 2Page - Texas Instruments OPA145IDBVT Datasheet HTML 3Page - Texas Instruments OPA145IDBVT Datasheet HTML 4Page - Texas Instruments OPA145IDBVT Datasheet HTML 5Page - Texas Instruments OPA145IDBVT Datasheet HTML 6Page - Texas Instruments OPA145IDBVT Datasheet HTML 7Page - Texas Instruments OPA145IDBVT Datasheet HTML 8Page - Texas Instruments OPA145IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings ....................................... 4
6.2 ESD Ratings .............................................................. 4
6.3 Recommended Operating Conditions ........................4
6.4 Thermal Information: OPA145 ................................... 5
6.5 Thermal Information: OPA2145 ................................. 5
6.6 Electrical Characteristics: VS = 4.5 V to 36 V;
±2.25 V to ±18 V ...........................................................6
6.7 Typical Characteristics................................................ 8
7 Detailed Description......................................................16
7.1 Overview................................................................... 16
7.2 Functional Block Diagram......................................... 16
7.3 Feature Description...................................................16
7.4 Device Functional Modes..........................................22
8 Application and Implementation.................................. 23
8.1 Application Information............................................. 23
8.2 Typical Application.................................................... 23
8.3 System Examples..................................................... 24
9 Power Supply Recommendations................................26
10 Layout...........................................................................26
10.1 Layout Guidelines................................................... 26
10.2 Layout Example...................................................... 27
11 Device and Documentation Support..........................28
11.1 Device Support........................................................28
11.2 Documentation Support.......................................... 28
11.3 Receiving Notification of Documentation Updates.. 28
11.4 Support Resources................................................. 29
11.5 Trademarks............................................................. 29
11.6 Electrostatic Discharge Caution.............................. 29
11.7 Glossary.................................................................. 29
12 Mechanical, Packaging, and Orderable
Information.................................................................... 29
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (June 2020) to Revision E (October 2020)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Added OPA2145 advanced information (preview) DGK (VSSOP-8) package and associated content to data
sheet................................................................................................................................................................... 1
• Deleted Operating Voltage section; redundant information.............................................................................. 16
Changes from Revision C (July 2018) to Revision D (June 2020)
Page
• Added OPA2145 advanced information (preview) device D (SOIC-8) package and associated content to data
sheet................................................................................................................................................................... 1
Changes from Revision B (May 2018) to Revision C (July 2018)
Page
• Deleted "preview" from information re: DBV (SOT-23) package, now released ................................................ 1
• Changed status of data sheet to production data .............................................................................................. 1
Changes from Revision A (March 2018) to Revision B (May 2018)
Page
• Deleted "preview" from information re: DGK (VSSOP) package, now released ................................................1
Changes from Revision * (June 2017) to Revision A (March 2018)
Page
• Added preview of DBV and DGK packages; removed content regarding future device releases ..................... 1
OPA145,, OPA2145
SBOS427E – JUNE 2017 – REVISED OCTOBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA145, OPA2145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com