Electronic Components Datasheet Search
  English  ▼

X  

OPA145IDBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA145IDBVT
Description  OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA145IDBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA145IDBVT Datasheet HTML 12Page - Texas Instruments OPA145IDBVT Datasheet HTML 13Page - Texas Instruments OPA145IDBVT Datasheet HTML 14Page - Texas Instruments OPA145IDBVT Datasheet HTML 15Page - Texas Instruments OPA145IDBVT Datasheet HTML 16Page - Texas Instruments OPA145IDBVT Datasheet HTML 17Page - Texas Instruments OPA145IDBVT Datasheet HTML 18Page - Texas Instruments OPA145IDBVT Datasheet HTML 19Page - Texas Instruments OPA145IDBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
7 Detailed Description
7.1 Overview
The OPA145 and OPA2145 (OPAx145) operational amplifiers are part of a family of low-power JFET input
amplifiers that feature superior drift performance and low input bias current. The rail-to-rail output swing and
input range that includes V– allow designers to use the low-noise characteristics of JFET amplifier while also
interfacing to modern, single-supply, precision, analog-to-digital converters (ADCs) and digital-to-analog
converters (DACs). The OPAx145 achieve 5.5-MHz gain-bandwidth product and 20-V/μs slew rate and consume
only 445 µA (typical) of quiescent current, making these devices an excellent choice for low-power applications.
These devices operate on a single 4.5-V to 36-V supply or dual ±2.25-V to ±18-V supplies.
The OPAx145 are fully specified from –40°C to +125°C for use in the most challenging environments. The
single-channel OPA145 is available in 5-pin SOT-23, 8-pin SOIC, and 8-pin VSSOP packages. The dual-channel
OPA2145 is available in 8-pin SOIC and 8-pin VSSOP packages.
Section 7.2 shows the simplified diagram of the OPAx145.
7.2 Functional Block Diagram
IN–
Pre-Output Driver
OUT
IN+
V+
V–
Copyright © 2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Capacitive Load and Stability
The dynamic characteristics of the OPAx145 have been optimized for commonly encountered gains, loads, and
operating conditions. The combination of low closed-loop gain and high capacitive loads decreases the phase
margin of the amplifier and can lead to gain peaking or oscillations. As a result, heavier capacitive loads must be
isolated from the output. The simplest way to achieve this isolation is to add a small resistor (ROUT equal to 50 Ω,
for example) in series with the output.
Figure 6-27 illustrates the effects on small-signal overshoot for several capacitive loads. Also, see Feedback
Plots Define Op Amp AC Performance, available for download from the TI website, for details of analysis
techniques and application circuits.
OPA145,, OPA2145
SBOS427E – JUNE 2017 – REVISED OCTOBER 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA145, OPA2145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com