Electronic Components Datasheet Search
  English  ▼

X  

OPA145IDBVT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA145IDBVT
Description  OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA145IDBVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA145IDBVT Datasheet HTML 14Page - Texas Instruments OPA145IDBVT Datasheet HTML 15Page - Texas Instruments OPA145IDBVT Datasheet HTML 16Page - Texas Instruments OPA145IDBVT Datasheet HTML 17Page - Texas Instruments OPA145IDBVT Datasheet HTML 18Page - Texas Instruments OPA145IDBVT Datasheet HTML 19Page - Texas Instruments OPA145IDBVT Datasheet HTML 20Page - Texas Instruments OPA145IDBVT Datasheet HTML 21Page - Texas Instruments OPA145IDBVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
7.3.4 Basic Noise Calculations
Low-noise circuit design requires careful analysis of all noise sources. External noise sources can dominate in
many cases; consider the effect of source resistance on overall op amp noise performance. Total noise of the
circuit is the root-sum-square combination of all noise components.
The resistive portion of the source impedance produces thermal noise proportional to the square root of the
resistance. This function is plotted in Figure 7-1. The source impedance is usually fixed; consequently, select the
op amp and the feedback resistors to minimize the respective contributions to the total noise.
Figure 7-2 illustrates both noninverting (A) and inverting (B) op amp circuit configurations with gain. In circuit
configurations with gain, the feedback network resistors also contribute noise. In general, the current noise of the
op amp reacts with the feedback resistors to create additional noise components. However, the extremely low
current noise of the OPAx145 means that the current noise contribution can be neglected.
The feedback resistor values can generally be chosen to make these noise sources negligible. Low impedance
feedback resistors load the output of the amplifier. The equations for total noise are shown for both
configurations.
(A) Noise in Noninverting Gain Configuration
+
±
R2
R1
RS
+
±
VS
GND
Source
EO
GND
+
±
R2
R1
GND
EO
RS
+
±
VS
GND
Source
(B) Noise in Inverting Gain Configuration
:1; '
1 =
l1+42
41
p„¨:A
5
;2 +:A
0
;2 +
kA
41æ42
o2+:E
0
„ 45
;2 +
lE
0
„
d41„42
41 + 42
hp2 >8
4/5
?
:2; A
5 =
¥4„G$„6(-)„45 d 8
¾*V
h
:3; A
41æ42 =
¨4„G
$
„ 6(-) „
d41„42
41 + 42
h d 8
¾*V
h
:4; G
$ = 1.38065
„ 10
F23
d ,
-
h
:5; 6(-) = 237.15+6(°%) >-?
Noise at the output is given as EO, where
Noise at the output is given as EO, where
:6; '
1 =
l1+ 42
45 + 41
p„¨:A
0
;2 +
kA
41+45 æ42
o2+FE
0
„
H:45 +41;„42
45 + 41 + 42 IG
2
>8
4/5
?
:7; A
41+45 æ42 =
¨4„G
$
„ 6(-) „
H:45 +41;„42
45 + 41 + 42 I
d 8
¾*V
h
:8; G
$ = 1.38065
„ 10
F23
d ,
-
h
:9; 6(-) = 237.15+6(°%) >-?
Thermal noise of RS
Thermal noise of R1 || R2
Boltzmann Constant
Temperature in kelvins
Boltzmann Constant
Temperature in kelvins
Thermal noise of (R1 + RS) || R2
Copyright © 2017, Texas Instruments Incorporated
Where: eN is the voltage noise of the amplifier. For the OPAx145 operational amplifier, eN = 7 nV/√Hz at 1 kHz.
Where: iN is the current noise of the amplifier. For the OPAx145 operational amplifier, iN = 0.8 fA/√Hz at 1 kHz.
NOTE: For additional resources on noise calculations visit TI's Precision Labs Series.
Figure 7-2. Noise Calculation in Gain Configurations
OPA145,, OPA2145
SBOS427E – JUNE 2017 – REVISED OCTOBER 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA145, OPA2145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com