Electronic Components Datasheet Search
  English  ▼

X  

AGLP030 Datasheet(PDF) 90 Page - Actel Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP030 Datasheet(HTML) 90 Page - Actel Corporation

Back Button AGLP030_V01 Datasheet HTML 86Page - Actel Corporation AGLP030_V01 Datasheet HTML 87Page - Actel Corporation AGLP030_V01 Datasheet HTML 88Page - Actel Corporation AGLP030_V01 Datasheet HTML 89Page - Actel Corporation AGLP030_V01 Datasheet HTML 90Page - Actel Corporation AGLP030_V01 Datasheet HTML 91Page - Actel Corporation AGLP030_V01 Datasheet HTML 92Page - Actel Corporation AGLP030_V01 Datasheet HTML 93Page - Actel Corporation AGLP030_V01 Datasheet HTML 94Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 128 page
background image
IGLOO PLUS DC and Switching Characteristics
2- 76
R e v i sio n 1 1
1.2 V DC Core Voltage
Table 2-97 • FIFO
Worst Commercial-Case Conditions: TJ = 70°C, VCC = 1.14 V
Parameter
Description
Std.
Units
tENS
REN_B, WEN_B Setup Time
3.44
ns
tENH
REN_B, WEN_B Hold Time
0.26
ns
tBKS
BLK_B Setup Time
0.30
ns
tBKH
BLK_B Hold Time
0.00
ns
tDS
Input Data (DI) Setup Time
1.30
ns
tDH
Input Data (DI) Hold Time
0.41
ns
tCKQ1
Clock High to New Data Valid on DO (flow-through)
5.67
ns
tCKQ2
Clock High to New Data Valid on DO (pipelined)
3.02
ns
tRCKEF
RCLK High to Empty Flag Valid
6.02
ns
tWCKFF
WCLK High to Full Flag Valid
5.71
ns
tCKAF
Clock High to Almost Empty/Full Flag Valid
22.17
ns
tRSTFG
RESET_B Low to Empty/Full Flag Valid
5.93
ns
tRSTAF
RESET_B Low to Almost Empty/Full Flag Valid
21.94
ns
tRSTBQ
RESET_B Low to Data Out Low on DO (flow-through)
3.41
ns
RESET_B Low to Data Out Low on DO (pipelined)
3.41
ns
tREMRSTB
RESET_B Removal
1.02
ns
tRECRSTB
RESET_B Recovery
5.48
ns
tMPWRSTB
RESET_B Minimum Pulse Width
1.18
ns
tCYC
Clock Cycle Time
10.90
ns
FMAX
Maximum Frequency for FIFO
92
MHz
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com