Electronic Components Datasheet Search
  English  ▼

X  

AGLP030 Datasheet(PDF) 2 Page - Actel Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP030 Datasheet(HTML) 2 Page - Actel Corporation

  AGLP030_V01 Datasheet HTML 1Page - Actel Corporation AGLP030_V01 Datasheet HTML 2Page - Actel Corporation AGLP030_V01 Datasheet HTML 3Page - Actel Corporation AGLP030_V01 Datasheet HTML 4Page - Actel Corporation AGLP030_V01 Datasheet HTML 5Page - Actel Corporation AGLP030_V01 Datasheet HTML 6Page - Actel Corporation AGLP030_V01 Datasheet HTML 7Page - Actel Corporation AGLP030_V01 Datasheet HTML 8Page - Actel Corporation AGLP030_V01 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 128 page
background image
IGLOO PLUS Low Power Flash FPGAs
II
R evis i o n 11
I/Os Per Package 1
IGLOO PLUS Device Status
IGLOO PLUS Devices
AGLP030
AGLP060
AGLP125
Package
Single-Ended I/Os
CS201
120
157
–
CS281
–
–
212
CS289
120
157
212
VQ128
101
–
–
VQ176
–
137
–
Note:
When the Flash*Freeze pin is used to directly enable Flash*Freeze mode and not used as a regular I/O, the number of single-
ended user I/Os available is reduced by one.
Table 2 • IGLOO PLUS FPGAs Package Size Dimensions
Package
CS201
CS281
CS289
VQ128
VQ176
Length × Width (mm/mm)
8 × 8
10 × 10
14 × 14
14 × 14
20 × 20
Nominal Area (mm2)
64
100
196
196
400
Pitch (mm)
0.5
0.5
0.8
0.4
0.4
Height (mm)
0.89
1.05
1.20
1.0
1.0
IGLOO PLUS Device
Status
AGLP030
Production
AGLP060
Production
AGLP125
Production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com